công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT4851ADG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74HCT4851ADG
Giải thích chi tiết về linh kiện  Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4851ADG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74HCT4851ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 5Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 6Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 7Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 8Page - ON Semiconductor MC74HCT4851ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MC74HCT4851A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
–0.5 to + 7.0
V
Vin
DC Input Voltage (Any Pin)
(Referenced to GND)
–0.5 to VCC + 0.5
V
I
DC Current, Into or Out of Any Pin
$25
mA
PD
Power Dissipation in Still Air,
Plastic DIP†
SOIC Package†
TSSOP Package†
750
500
450
mW
Tstg
Storage Temperature Range
–65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
Plastic DIP, SOIC or TSSOP Package
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
2.0
6.0
V
Vin
DC Input Voltage (Any Pin)
(Referenced to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
0.0
1.2
V
TA
Operating Temperature Range, All Package Types
– 55
+ 125
°C
tr, tf
Input Rise/Fall Time
VCC = 2.0 V
(Channel Select or Enable Inputs)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
*For voltage drops across switch greater than 1.2 V (switch on), excessive VCC current may be
drawn; i.e., the current out of the switch may contain both VCC and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND) VEE = GND, Except Where Noted
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
VIH
Minimum High−Level Input Voltage,
Channel−Select or Enable Inputs
Ron = Per Spec
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage,
Channel−Select or Enable Inputs
Ron = Per Spec
4.5
to
5.5
0.8
0.8
0.8
V
Iin
Maximum Input Leakage Current on Digital Pins
(Enable/A/B/C)
Vin = VCC or GND
5.5
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply Current
(per Package)
Vin(digital) = VCC or GND
Vin(analog) = GND
5.5
2.0
20
40
mA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Số phần tương tự - MC74HCT4851ADG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT4851ADG ONSEMI-MC74HCT4851ADG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851ADG ONSEMI-MC74HCT4851ADG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC74HCT4851ADG ONSEMI-MC74HCT4851ADG Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
More results

Mô tả tương tự - MC74HCT4851ADG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851A ONSEMI-MC74HC4851A_11 Datasheet
230Kb / 15P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
May, 2011 ??Rev. 9
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com