công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT241A bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC74HCT241A
Giải thích chi tiết về linh kiện  Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT241A bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  MC74HCT241A Datasheet HTML 1Page - ON Semiconductor MC74HCT241A Datasheet HTML 2Page - ON Semiconductor MC74HCT241A Datasheet HTML 3Page - ON Semiconductor MC74HCT241A Datasheet HTML 4Page - ON Semiconductor MC74HCT241A Datasheet HTML 5Page - ON Semiconductor MC74HCT241A Datasheet HTML 6Page - ON Semiconductor MC74HCT241A Datasheet HTML 7Page - ON Semiconductor MC74HCT241A Datasheet HTML 8Page - ON Semiconductor MC74HCT241A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74HCT241A
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC74HCT241ANG
PDIP−20
(Pb−Free)
18 Units / Rail
MC74HCT241ADWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74HCT241ADWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74HCT241ADTG
TSSOP−20*
75 Units / Rail
MC74HCT241ADTR2G
TSSOP−20*
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These packages are inherently Pb−Free.
MARKING DIAGRAMS
PDIP−20
SOIC−20W
TSSOP−20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
HCT
241A
ALYWG
G
20
1
HCT241A
AWLYYWWG
1
20
MC74HCT241AN
AWLYYWWG


Số phần tương tự - MC74HCT241A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74HCT240 MOTOROLA-MC74HCT240 Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC74HCT240ADT MOTOROLA-MC74HCT240ADT Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC74HCT240ADW MOTOROLA-MC74HCT240ADW Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
MC74HCT240AN MOTOROLA-MC74HCT240AN Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
More results

Mô tả tương tự - MC74HCT241A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT244A ONSEMI-MC74HCT244A_11 Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
MC74HCT541A ONSEMI-MC74HCT541A_11 Datasheet
153Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
June, 2011 ??Rev. 6
logo
Motorola, Inc
MC74HCT541A MOTOROLA-MC74HCT541A Datasheet
151Kb / 5P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A Datasheet
128Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver With LSTTL-Compatible Inputs
March, 2000 ??Rev. 2
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
   OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com