công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT86AFG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74HCT86AFG
Giải thích chi tiết về linh kiện  Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT86AFG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74HCT86AFG Datasheet HTML 1Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 2Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 3Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 4Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 5Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 6Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 7Page - ON Semiconductor MC74HCT86AFG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
November, 2009 − Rev. 1
1
Publication Order Number:
MC74HCT86A/D
MC74HCT86A
Quad 2-Input Exclusive
OR Gate with LSTTL
Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT86A is identical in pinout to the LS86. The device
inputs are compatible with standard CMOS outputs and LSTTL
outputs.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with JEDEC Standard No. 7A Requirements
Chip Complexity: 56 FETs or 14 Equivalent Gates
These are Pb−Free Devices
LOGIC DIAGRAM
Y1
Y2
Y3
Y4
A1
B1
A2
B2
A3
B3
A4
B4
1
2
4
5
9
10
12
13
3
6
8
11
PIN 14 = VCC
PIN 7 = GND
Y = A
⊕ B
= AB + AB
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
B3
Y4
A4
B4
VCC
Y3
A3
A2
Y1
B1
A1
GND
Y2
B2
FUNCTION TABLE
A
L
L
H
H
Inputs
Output
B
L
H
L
H
Y
L
H
H
L
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
F SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
1
14
74HCT86A
ALYWG
HCT86AG
AWLYWW
14
1
1
14
HCT
86A
ALYWG
G
1
14
14
1
PDIP−14
N SUFFIX
CASE 646
MC74HCT86AN
AWLYYWWG
1
14
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Số phần tương tự - MC74HCT86AFG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74HCT04A MOTOROLA-MC74HCT04A Datasheet
144Kb / 6P
   Hex Inverter
logo
ON Semiconductor
MC74HCT04A ONSEMI-MC74HCT04A Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
MC74HCT04A ONSEMI-MC74HCT04A Datasheet
151Kb / 8P
   Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04A ONSEMI-MC74HCT04A Datasheet
80Kb / 5P
   Hex Inverter
August, 2015 ??Rev. 12
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
144Kb / 6P
   Hex Inverter
More results

Mô tả tương tự - MC74HCT86AFG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
   Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
logo
Leshan Radio Company
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
   2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
   Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
logo
Leshan Radio Company
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
   2-Input AND Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
MC74HCT08A ONSEMI-MC74HCT08A_14 Datasheet
122Kb / 6P
   Quad 2-Input AND Gate with LSTTL Compatible
February, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com