công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100H605FNG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100H605FNG
Giải thích chi tiết về linh kiện  Registered Hex ECL to TTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H605FNG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100H605FNG Datasheet HTML 1Page - ON Semiconductor MC100H605FNG Datasheet HTML 2Page - ON Semiconductor MC100H605FNG Datasheet HTML 3Page - ON Semiconductor MC100H605FNG Datasheet HTML 4Page - ON Semiconductor MC100H605FNG Datasheet HTML 5Page - ON Semiconductor MC100H605FNG Datasheet HTML 6Page - ON Semiconductor MC100H605FNG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10H605, MC100H605
http://onsemi.com
3
Table 3. 10H ECL DC CHARACTERISTICS (VCCT = +5.0 V ±10%; VEE = −5.20 V ±5%; VCCE = GND = 0 V)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Supply Current
63
75
63
75
61
75
mA
IINH
Input HIgh Current
255
175
175
mA
IINL
Input Low Current
0.5
0.5
0.5
mA
VIH
Input High Voltage
−1170
−840
−1130
−810
−1060
−720
mV
VIL
Input Low Voltage
−1950
−1480 −1950
−1480 −1950
−1480
mV
VBB
Output Bias Voltage
−1400
−1280 −1370
−1270 −1330
−1210
mV
VDiff
Input Differential Voltage
150
150
150
mV
Vmax
CMRR
Input Common Mode Re-
ject Range
0
0
0
mV
Vmin
CMRR
Input Common Mode Re-
ject Range
VEE = −4.94
VEE = −5.20
VEE = −5.46
−2800
−3000
−3300
−2800
−3000
−3300
−2800
−3000
−3300
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 4. 100H ECL DC CHARACTERISTICS (VCCT = +5.0 V ±5%; VEE = −4.2 V to 5.5 V; VCCE = GND = 0 V)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Supply Current
65
75
65
75
70
85
mA
IINH
Input HIgh Current
255
175
175
mA
IINL
Input Low Current
0.5
0.5
0.5
mA
VIH
Input High Voltage
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input Low Voltage
−1810
−1475 −1810
−1475 −1810
−1475
mV
VBB
Reference Voltage
−1400
−1280 −1400
−1280 −1400
−1200
mV
VDiff
Input Differential Voltage
150
150
150
mV
Vmax
CMRR
Input Common Mode Re-
ject Range
0
0
0
mV
Vmin
CMRR
Input Common Mode Re-
ject Range
VEE = −4.20
VEE = −4.50
VEE = −4.80
−2000
−2200
−2400
−2000
−2200
−2400
−2000
−2200
−2400
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Số phần tương tự - MC100H605FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100H600 ONSEMI-MC100H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600 ONSEMI-MC100H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FN ONSEMI-MC100H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600FN ONSEMI-MC100H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FNG ONSEMI-MC100H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

Mô tả tương tự - MC100H605FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com