công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA-34-9903 bảng dữ liệu(PDF) 2 Page - CW Industries |
|
CA-34-9903 bảng dữ liệu(HTML) 2 Page - CW Industries |
2 / 4 page 35 • 130 James Way, Southampton, PA 18966 - 3838 • Telephone: (215) 355-7080 • Fax: (215) 355-1088 • www.cwind.com Contact • Sharp points allow contact to pierce tough insulation materials • Contact tines are firmly connected to the body of the contact • No “bare shoulders” on the contact at the PC board interface. • Spring temper, phosphor bronze material resists breakage during bending or straightening operations • One tail length can be used with 1/8 in. or 1/16 in. PC boards • Rounded tip provides lead-in to mate with PC board holes PCB Connector Featur es • 10, 20, 26, 34, 40, 50, 60, pin versions • Tin-lead plating, standard; gold plating also available • Available with or without strain relief lip • Available with or without cover lip for cable end or daisy chain application • Rugged, lightweight UL 94V-0 thermoplastic construction • Accepts 28-30 AWG stranded or solid conductors Str ain Relief A molded-in strain relief is an optional feature on CW PCB connectors. (Specify CWR-140 or CWR-143 series). This lip, upon installation of the cover, creates a strain relief bend in the cable, inhibiting the transfer of any tension on the cable to the contact lines. Cover Lip For additional protection on cable end terminations, the CW PCB connector is available with a cover lip to insulate the ends of the cable’s conductors. This eliminates possible “shorts” and allows you to position connectors more closely on your PC board. (Specify CWR-140 or CWR-141 series). Assembly To terminate CW PCB connectors to flat cable, use CT301 86/81 assembly press. The cable is applied directly to the IDC contacts in the connector base and then the cover is assembled. |
Số phần tương tự - CA-34-9903 |
|
Mô tả tương tự - CA-34-9903 |