công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6504SEAADG6F bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STM6504SEAADG6F
Giải thích chi tiết về linh kiện  Dual push-button Smart ResetTM with user-adjustable setup delays
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6504SEAADG6F bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STM6504SEAADG6F Datasheet HTML 1Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 2Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 3Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 4Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 5Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 6Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 7Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 8Page - STMicroelectronics STM6504SEAADG6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Description
Doc ID 16101 Rev 5
5/29
1
Description
STM6502 has two combined Smart Reset inputs (SR0 and SR1) with delayed Smart Reset
setup time (tSRC) programmed by an external capacitor on the SRC pin.
STM6503 is similar to STM6502, has two combined delayed Smart Reset inputs (SR0, SR1)
and three user-selectable delayed Smart Reset setup time (tSRC) options of 2 s, 6 s and
10 s through a three-state TSR input pin: when connected to ground, tSRC = 2 s; when left
open, tSRC = 6 s; when connected to VCC, tSRC = 10 s (all the times are minimum).
STM6504 has two independent Smart Reset inputs. SR0 provides the delayed Smart Reset
setup time (tSRC) function with three user-selectable tSRC options through a three-state TSR
input pin: when connected to ground, tSRC = 2 s; when left open, tSRC = 6 s; when
connected to VCC, tSRC = 10 s (all the times are minimum). SRE provides instant reset. SRE
is edge-triggered with a special debounce time (tDEBOUNCE = 240 ms min.) at the falling
edge after a valid reset period.
STM6505 has two combined delayed Smart Reset inputs (SR0, SR1) and provides an
adjustable reset delay setup time via an external capacitor connected to the SRC pin.
The RST output depends also on the VCC monitoring threshold. STM6505 also provides
independent low battery detect (BLD) output controlled by the secondary external input
voltage VBAT. VBAT is monitored for low voltage and provides an indication on the battery low
detect output pin (BLD). VBAT threshold is 1.25 V, fixed, and an external resistor divider is to
be used to set the actual battery voltage threshold. VBAT threshold hysteresis is 8 mV typ.
(16 mV max.). VBAT is voltage monitoring input only, the device is powered only from the
VCC pin; VCC must be ≥ 1.575 V for proper operation of the VBAT comparator.
1.1
Smart Reset devices
The Smart Reset device family STM65xx provides a useful feature that ensures inadvertent
short reset push-button closures do not cause system resets. This is done by implementing
extended Smart Reset input delay (tSRC). Once the valid Smart Reset input levels and setup
delay are met, the device generates an output reset pulse with user-programmable timeout
period (tREC).
The Smart Reset inputs can be also connected to the applications interrupt to allow the
control of both the interrupt pin and the hard reset functions. If the push-buttons are closed
for a short time, the processor is only interrupted. If the system still does not respond
properly, holding the push-buttons for the extended setup time (tSRC) causes hard reset of
the processor through the reset outputs. The Smart Reset feature helps significantly
increase system stability.
The STM65xx family of Smart Reset devices consists of low current microprocessor reset
circuits targeted at applications such as MP3 players, navigation, smartphones or mobile
phones; generally any application that requires delayed reset push-button(s) response for
improved system stability. The STM65xx devices feature single or dual Smart Reset inputs
(SR). The delayed Smart Reset setup time (tSRC) options of 2 s, 6 s and 10 s
(all min.) are adjustable by an external capacitor on the SRC pin or selectable by three-state
logic. The delayed setup period ignores switch closures shorter than tSRC, thus preventing
unwanted resets.


Số phần tương tự - STM6504SEAADG6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Mô tả tương tự - STM6504SEAADG6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com