công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV981MU3TBG bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện LMV981MU3TBG
Giải thích chi tiết về linh kiện  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981MU3TBG bảng dữ liệu(HTML) 8 Page - ON Semiconductor

Back Button LMV981MU3TBG Datasheet HTML 4Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 5Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 6Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 7Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 8Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 9Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 10Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 11Page - ON Semiconductor LMV981MU3TBG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LMV981, LMV982
http://onsemi.com
8
5V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C, V+ = 5 V,
V= 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Unit
Max
Typ
Min
Condition
Symbol
Output Short−Circuit
Current
IO
Sourcing, Vo = 0 V, VIN = +100 mV
55
65
mA
−40°C to +125°C
45
Sinking, Vo = 5 V, VIN = −100 mV
58
80
−40°C to +125°C
45
Shutdown Enable
Control
VSHDN
Turn−on Voltage to Enable Device
4.2
V
Turn−off Voltage to Shutdown Device
0.55
8. Guaranteed by design and/or characterization.
5V AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5 V, V− =
0 V, VCM = 2.0 V,Vo = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
(Note 9)
0.48
V/uS
Gain Bandwidth
Product
GBWP
1.5
MHz
Phase Margin
Qm
65
°
Gain Margin
Gm
8
dB
Input−Referred
Voltage Noise
en
f = 50 kHz, VCM = 2 V
50
nV/√Hz
Total Harmonic
Distortion
THD
f = 1 kHz, AV = +1, RL = 600 W, VO = 1 VPP
0.022
%
Amplifier−to−
Amplifier Isolation
(Note 10)
123
dB
9. Connected as voltage follower with input step from V− to V+. Number specified is the slower of the positive and negative slew rates.
10.Input referred, RL = 100 kW connected to V+/2. Each amp excited in turn with 1 kHz to produce VO = 3 VPP. (For Supply Voltages < 3 V,
VO = V+).


Số phần tương tự - LMV981MU3TBG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LMV981MU3TBG ONSEMI-LMV981MU3TBG Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
More results

Mô tả tương tự - LMV981MU3TBG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com