công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA-50-9505 bảng dữ liệu(PDF) 2 Page - CW Industries

tên linh kiện CA-50-9505
Giải thích chi tiết về linh kiện  Card Edge Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CWIND [CW Industries]
Trang chủ  http://www.cwind.com
Logo CWIND - CW Industries

CA-50-9505 bảng dữ liệu(HTML) 2 Page - CW Industries

  CA-50-9505 Datasheet HTML 1Page - CW Industries CA-50-9505 Datasheet HTML 2Page - CW Industries CA-50-9505 Datasheet HTML 3Page - CW Industries CA-50-9505 Datasheet HTML 4Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
27
130 James Way, Southampton, PA 18966 - 3838 Telephone: (215) 355-7080 Fax: (215) 355-1088 www.cwind.com
Contact
Lead-in on contact
helps align the conductor
with the IDC slot.
Patented, offset tines
produce Torq-Tite™
termination for added
reliability.
Long cantilever
produces less angular
deflection as PC board
is inserted.
Contact with the PC
board is made near the
face of the connector for
increased wiping action.
Unsupported contact tail
allows for self-adjustment
to compensate for PC board
irregularities.
Car d Edge Connector Featur es
10, 20, 26, 34, 40, and 50 contact versions.
Compatible with various PC board thicknesses, from .032 in. to
.070 in. thick.
Standard gold-plated phosphor bronze contacts; tin-lead plated
contacts optional.
Can be daisy-chained or applied in cable end terminations.
Factory pre-assembled cover minimizes assembly time.
Available with or without mounting flanges.
Dependable long cantilever contact design maintains consistent
pressure even after repeated matings with PC boards. Insures a
long insertion/withdrawal cycle life and a good self-cleaning wipe
on each PC board pad.
Self-adjusting contact compensates for variations in PC board
thickness.
Closed entry protection prevents possible damage caused by PC
board irregularities.
Str ain Relief
Strain relief is an integral part of CW Card Edge connector. A
strain relief lip is molded into the connector body. Upon installation
of the cover, this lip causes a strain relief bend in the cable that
prevents forces applied to the cable from being transferred to the
IDC termination.
Polar ization
Positive polarization is available on all CW card edge connectors.
A polarizing key, inserted into a V-slot located between any two
contacts, fits into a corresponding .037 in. slot cut into the PC
board. This technique not only provides positive polarization
without loss of a contact position, but also helps ensure precise
alignment of the contacts to the PC board’s pads.
Assembly
Assembling these connectors is both fast and easy using only a
simple bench press. The connector body is designed to orient the
cable to the contact tines, and the factory preassembled cover
permits termination of all conductors in one step–simply apply
opposing parallel forces on the connector cover and base.


Số phần tương tự - CA-50-9505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CW Industries
CA-50-9901 CWIND-CA-50-9901 Datasheet
132Kb / 4P
   PCB Connectors
CA-50-9902 CWIND-CA-50-9902 Datasheet
132Kb / 4P
   PCB Connectors
CA-50-9903 CWIND-CA-50-9903 Datasheet
132Kb / 4P
   PCB Connectors
CA-50-9904 CWIND-CA-50-9904 Datasheet
132Kb / 4P
   PCB Connectors
CA-50-9905 CWIND-CA-50-9905 Datasheet
132Kb / 4P
   PCB Connectors
More results

Mô tả tương tự - CA-50-9505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
   Inverted Card Edge and Inverted Poke-In Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com