công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA-34-9504 bảng dữ liệu(PDF) 2 Page - CW Industries |
|
CA-34-9504 bảng dữ liệu(HTML) 2 Page - CW Industries |
2 / 4 page 27 • 130 James Way, Southampton, PA 18966 - 3838 • Telephone: (215) 355-7080 • Fax: (215) 355-1088 • www.cwind.com Contact • Lead-in on contact helps align the conductor with the IDC slot. • Patented, offset tines produce Torq-Tite™ termination for added reliability. • Long cantilever produces less angular deflection as PC board is inserted. • Contact with the PC board is made near the face of the connector for increased wiping action. • Unsupported contact tail allows for self-adjustment to compensate for PC board irregularities. Car d Edge Connector Featur es • 10, 20, 26, 34, 40, and 50 contact versions. • Compatible with various PC board thicknesses, from .032 in. to .070 in. thick. • Standard gold-plated phosphor bronze contacts; tin-lead plated contacts optional. • Can be daisy-chained or applied in cable end terminations. • Factory pre-assembled cover minimizes assembly time. • Available with or without mounting flanges. • Dependable long cantilever contact design maintains consistent pressure even after repeated matings with PC boards. Insures a long insertion/withdrawal cycle life and a good self-cleaning wipe on each PC board pad. • Self-adjusting contact compensates for variations in PC board thickness. • Closed entry protection prevents possible damage caused by PC board irregularities. Str ain Relief Strain relief is an integral part of CW Card Edge connector. A strain relief lip is molded into the connector body. Upon installation of the cover, this lip causes a strain relief bend in the cable that prevents forces applied to the cable from being transferred to the IDC termination. Polar ization Positive polarization is available on all CW card edge connectors. A polarizing key, inserted into a V-slot located between any two contacts, fits into a corresponding .037 in. slot cut into the PC board. This technique not only provides positive polarization without loss of a contact position, but also helps ensure precise alignment of the contacts to the PC board’s pads. Assembly Assembling these connectors is both fast and easy using only a simple bench press. The connector body is designed to orient the cable to the contact tines, and the factory preassembled cover permits termination of all conductors in one step–simply apply opposing parallel forces on the connector cover and base. |
Số phần tương tự - CA-34-9504 |
|
Mô tả tương tự - CA-34-9504 |