công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6510LCACDG6F bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STM6510LCACDG6F
Giải thích chi tiết về linh kiện  Dual push-button Smart ResetTM with capacitor-adjustable delays
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510LCACDG6F bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STM6510LCACDG6F Datasheet HTML 2Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 3Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 4Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 5Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 6Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 7Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 8Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 9Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Description
STM6510
6/26
Doc ID 16788 Rev 2
Figure 1.
Logic diagram
Figure 2.
Pin connections
Table 1.
Signal names
Symbol
Input/output
Description
RST
Output
Reset output, active-low (open-drain).
SR0
Input
Primary push-button Smart Reset™ input. Active-low, internal 65 k
Ω
pull-up resistor to VCC.
SR1
Input
Secondary push-button Smart Reset™ input. Active-low, internal 65 k
Ω
pull-up resistor to VCC.
SRC
Input
Smart Reset™ input delay setup control. Connect an external capacitor
to this pin to adjust the delay setup time (tSRC).
TRECADJ
Input
Input pin for tREC reset pulse duration adjustment. Connect an external
capacitor (CtREC) to this pin to determine tREC.
VCC
Supply
Supply voltage input. Power supply for the device and an input for the
monitored supply voltage. A 0.1 µF decoupling ceramic capacitor is
recommended to be connected between VCC and VSS pins.
VSS
Supply
Ground
NC
No connect (not bonded); should be connected to VSS.
AM00389a
VCC
RST
TRECADJ
VSS
STM6510
SR1
SR0
SRC
AM00390
NC
TRECADJ
SRC
1
2
3
STM
6510
4
8
7
6
5
RST
VSS
VCC
SR1
SR0


Số phần tương tự - STM6510LCACDG6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6519 STMICROELECTRONICS-STM6519 Datasheet
397Kb / 25P
   4-pin Smart Reset?
STM6519ACARUB6F STMICROELECTRONICS-STM6519ACARUB6F Datasheet
397Kb / 25P
   4-pin Smart Reset?
STM6519AHARUB6F STMICROELECTRONICS-STM6519AHARUB6F Datasheet
397Kb / 25P
   4-pin Smart Reset?
STM6519AHARUC6F STMICROELECTRONICS-STM6519AHARUC6F Datasheet
397Kb / 25P
   4-pin Smart Reset?
More results

Mô tả tương tự - STM6510LCACDG6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
XC6193 TOREX-XC6193 Datasheet
1Mb / 28P
   Push Button Smart Load Switch with 140m廓 internal high-side switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com