công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14034B bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC14034B
Giải thích chi tiết về linh kiện  8-Bit Universal Bus Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14034B bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC14034B Datasheet HTML 1Page - Motorola, Inc MC14034B Datasheet HTML 2Page - Motorola, Inc MC14034B Datasheet HTML 3Page - Motorola, Inc MC14034B Datasheet HTML 4Page - Motorola, Inc MC14034B Datasheet HTML 5Page - Motorola, Inc MC14034B Datasheet HTML 6Page - Motorola, Inc MC14034B Datasheet HTML 7Page - Motorola, Inc MC14034B Datasheet HTML 8Page - Motorola, Inc MC14034B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
137
MC14034B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise Time A or B
tTLH = (3.0 ns/pF) CL + 30 ns
tTLH = (1.5 ns/pF) CL + 15 ns
tTLH = (1.1 ns/pF) CL + 10 ns
tTLH
5.0
10
15
180
90
65
360
180
130
ns
Output Fall Time A or B
tTHL = (1.5 ns/pF) CL + 25 ns
tTHL = (0.75 ns/pF) CL + 12.5 ns
tTHL = (0.55 ns/pF) CL + 9.5 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
A (B) Synchronous Parallel Data Input,
B (A) Parallel Data Output
tPLH, tPHL = (1.7 ns/pF) CL + 440 ns
tPHL, tPHL = (0.66 ns/pF) CL + 172 ns
tPLH, tPHL = (0.5 ns/pF) CL + 120 ns
tPLH,
tPHL
5.0
10
15
525
205
145
1050
410
290
ns
Propagation Delay Time
A (B) Asynchronous Parallel Data Input
B (A) Parallel Data Output
tPLH, tPHL = (1.7 ns/pF) CL + 420 ns
tPLH, tPHL = (0.66 ns/pF) CL + 147 ns
tPLH, tPHL = (0.5 ns/pF) CL + 105 ns
tPLH,
tPHL
5.0
10
15
505
180
130
1010
360
260
ns
Clock Pulse Width
tWH
5.0
10
15
340
140
110
170
70
55
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.5
6.0
8.0
1.2
3.0
4.0
MHz
Clock Pulse Rise
tTLH, tTHL
5.0
10
15
15
5
4
µs
A, B Input Setup Time
tsu
5.0
10
15
100
45
35
35
15
12
ns
High Level SE, P/S, A/S Pulse Width
tWH
5.0
10
15
600
270
200
200
90
80
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
TRUTH TABLE
“A” Enable
P/S
A/B
A/S
Mode
Operation†
0
0
0
X
Serial
Synchronous Serial data input, A and B Parallel data outputs disabled.
0
0
1
X
Serial
Synchronous Serial data input, B–Parallel data output.
0
1
0
0
Parallel
B Synchronous Parallel data inputs, A–Parallel data outputs disabled.
0
1
0
1
Parallel
B Asynchronous Parallel data inputs, A–Parallel data outputs disabled.
0
1
1
0
Parallel
A–Parallel data inputs disabled, B–Parallel data outputs.
0
1
1
1
Parallel
A–Parallel data inputs disabled, B–Parallel data outputs.
1
0
0
X
Serial
Synchronous serial data input, A–Parallel data output.
1
0
1
X
Serial
Synchronous serial data input, B–Parallel data output.
1
1
0
0
Parallel
B–Synchronous Parallel data input, A–Parallel data output.
1
1
0
1
Parallel
B–Asynchronous Parallel data input, A–Parallel data output.
1
1
1
0
Parallel
A–Synchronous Parallel data input, B–Parallel data output.
1
1
1
1
Parallel
A–Asynchronous Parallel data input, B–Parallel data output.
X = Don’t Care
†Outputs change at positive transition of clock in the serial mode and when the A/S input is low in the parallel mode. During transfer from parallel
to serial operation, A/S should remain low in order to prevent DS transfer into flip–flops.


Số phần tương tự - MC14034B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Mô tả tương tự - MC14034B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F166 PHILIPS-74F166 Datasheet
94Kb / 12P
   8-bit bidirectional universal shift register
1991 Feb 14
74F198 PHILIPS-74F198 Datasheet
95Kb / 12P
   8-bit bidirectional universal shift register
1987 Oct 02
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
logo
National Semiconductor ...
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
   8-Bit TRI-STATEÉ Universal Shift Register
January 1988
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com