công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA-40-9102 bảng dữ liệu(PDF) 4 Page - CW Industries |
|
CA-40-9102 bảng dữ liệu(HTML) 4 Page - CW Industries |
4 / 4 page 33 • 130 James Way, Southampton, PA 18966 - 3838 • Telephone: (215) 355-7080 • Fax: (215) 355-1088 • www.cwind.com Final assembly length “L” 1=3”+1/8” 2=6”+1/8” 3=12”+1/4” 4=24”+1/4” 5=48”+1/4” CA-XX-910X Number of Conductors (14, 16, 24 or 40) CWN-SR-XX EXAMPLE: Strain Relief Strap part number for 24-pin DIP Connector is CWN-SR-24 • Contacts: phosphor bronze standard. • Contact Plating: 10µ in. gold over 50µ in. nickel, standard; 30µ in. gold over 50µ in. nickel, optional; 50µ in. gold over 50µ in. nickel, optional; 100µ in. tin-lead optional • Insulator Material: UL 94V-0 flame - retardant glass filled thermoplastic • Strain Relief Strap Material: tin-plated steel • Color: blue • Operating temperature: -55ºC to +125ºC • Current Rating: 1A (maximum) per contact • Dielectric Withstand Voltage: Greater than 500 Vdc at sea level • Insulation Resistance: Greater than 5 x 109 ohms • Mates with .050 in. centered round conductor flat cable and standard DIP socket with .100 in. x .300 in. or .100 in. x .600 in. contact spacing • Cover pull off force, with strain relief 20 lb minimum (force along contacts’ primary axes) How to Or der DIP Connector s Specifications and Or der ing Infor mation Specifications CWR-XXX-XX-XXXX Type of Connector Standard tail length .175” = 130 Optional tail length .130” = 134 Number of Contacts (14, 16, 24 or 40) Plating 0000=10µ in. gold over 50µ in. nickel (standard) 0001=30µ in. gold over 50µ in. nickel 0002=50µ in. gold over 50µ in. nickel Mil-DTL-83503/6 approved. (CWR-130-14, 16, 24 only) 0003=100µ in. tin-lead EXAMPLE: CWR-130-16-0002 is part number for a 16-pin DIP connector with .175 in. tails and 50µ in. gold over 50µ in. nickel contacts How to Or der DIP Cable Assemblies Cable assemblies with two DIP connectors (CWR-130-XX-0000) on a prescribed length of color-coded cable are available with connectors oriented per drawing 31-1. (#1 contacts oriented to brown conductor.) For other lengths, orientations, numbers or combinations of connectors, contact the factory or your local value-added distributor. DRAWING 31-1 L BROWN (No. 1 Cond.) How to Or der Strain Relief Straps for DIP Connector s Connector Size (14, 16, 24 or 40) (14 and 16) (24 and 40) |
Số phần tương tự - CA-40-9102 |
|
Mô tả tương tự - CA-40-9102 |