công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14LC5002 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC14LC5002
Giải thích chi tiết về linh kiện  72-Segment / 128-Segment LCD Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5002 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC14LC5002 Datasheet HTML 3Page - Motorola, Inc MC14LC5002 Datasheet HTML 4Page - Motorola, Inc MC14LC5002 Datasheet HTML 5Page - Motorola, Inc MC14LC5002 Datasheet HTML 6Page - Motorola, Inc MC14LC5002 Datasheet HTML 7Page - Motorola, Inc MC14LC5002 Datasheet HTML 8Page - Motorola, Inc MC14LC5002 Datasheet HTML 9Page - Motorola, Inc MC14LC5002 Datasheet HTML 10Page - Motorola, Inc MC14LC5002 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3–9
MC14LC5002 • MC14LC5003 • MC14LC5004
MOTOROLA
The MC14LC5002/5003/5004 have essentially two sections
which operate asynchronously from each other; the data input
and storage section and the LCD drive section. The LCD drive
and timing is derived from the oscillator, while the data input
and storage is controlled by the Data In (Din), Data Clock
(DCLK), Address (A0, A1, A2), and Enable (ENB) pins.
Data is shifted serially into the 128-bit shift register and ar-
ranged into four consecutive blocks of 32 parallel data bits. A
time-multiplex of the four backplane drivers is made (each
backplane driver becoming active then inactive one after an-
other) and, at the start of each backplane active period, the
corresponding block of 32 bits is made available at the front-
plane drivers. A high input to a plane driver turns the driver
on, and a low input turns the driver off.
Figure 4 shows the sequence of backplanes. Figure 5 shows
the possible configurations of the frontplanes relative to the
backplanes.When a backplane driver is on, its output switches
from VLCD to 0 V, and when it is off, it switches from 1/3 VLCD
to 2/3 VLCD. When a frontplane driver is on, its
output switches from 0 V to VLCD, and when it is off, it switches
from 2/3 VLCD to 1/3 VLCD.
The LCD drive and timing section provides the multiplex sig-
nals and backplane driver input signals and formats the front-
plane and backplane waveforms.
The address pins are used to uniquely distinguish LCD driver
from any other chips on the same bus and to define LCD driver
as the “master” in the system. There must be one master in any
system.
The enable pin may be used as a third control line in the
communication bus. It may be used to define the moment
when the data is latched. If not used, then the data is latched
after 128 bits of data have been received.
Figure 4. Backplane Sequence
BP1
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
TIME FRAME
BP2
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
BP3
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
BP4
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
FUNCTIONAL DESCRIPTION


Số phần tương tự - MC14LC5002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
MC14LC5002FB NXP-MC14LC5002FB Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results

Mô tả tương tự - MC14LC5002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9796FS ROHM-BU9796FS Datasheet
273Kb / 12P
   LCD Segment Driver series 80-segment Drivers (20SEG횞4COM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com