công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FMC1S7T3 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện ST7FMC1S7T3
Giải thích chi tiết về linh kiện  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
Download  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FMC1S7T3 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  ST7FMC1S7T3 Datasheet HTML 1Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 2Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 3Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 4Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 5Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 6Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 7Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 8Page - STMicroelectronics ST7FMC1S7T3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 309 page
background image
April 2009
Rev 13
1/309
ST7MC1xx/ST7MC2xx
8-bit MCU with nested interrupts, Flash, 10-bit ADC,
brushless motor control, five timers, SPI, LINSCI
Features
Memories
– 8K to 60K dual voltage Flash Program memo-
ry or ROM with read-out protection capability,
In-application programming and In-circuit pro-
gramming.
– 384 to 1.5K RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 40 years at 85°C
Clock, reset and supply management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and auxiliary voltage detector
(AVD) with interrupt capability
– Clock sources: crystal/ceramic resonator os-
cillators and by-pass for external clock, clock
security system.
– Four power saving modes: Halt, Active-halt,
Wait and Slow
Interrupt management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– MCES top level interrupt pin
– 16 external interrupt lines (on 3 vectors)
Up to 60 I/O ports
– up to 60 multifunctional bidirectional I/O lines
– up to 41 alternate function lines
– up to 12 high sink outputs
5 timers
– Main clock controller with: Real-time base,
Beep and clock-out capabilities
– Configurable window watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input, PWM and
pulse generator modes
– 8-bit PWM Auto-reload timer with: 2 input cap-
tures, 4 PWM outputs, output compare and
time base interrupt, external clock with
event detector
2 Communication interfaces
– SPI synchronous serial interface
–LINSCI
™ asynchronous serial interface
Brushless motor control peripheral
– 6 high sink PWM output channels for sine-
wave or trapezoidal inverter control
– Motor safety including asynchronous emer-
gency stop and write-once registers
– 4 analog inputs for rotor position detection
(sensorless/hall/tacho/encoder)
– Permanent magnet motor coprocessor includ-
ing multiplier, programmable filters, blanking
windows and event counters
– Operational amplifier and comparator for cur-
rent/voltage mode regulation and limitation
Analog peripheral
– 10-bit ADC with 16 input pins
In-circuit Debug
Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main Addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
Development tools
– Full hardware/software development package
Table 1. Device summary
Note 1: For development only. No production
LQFP64
14 x 14
LQFP80
14 x 14
LQFP32 7x 7
LQFP44
10 x 10
Features
ST7MC1K2 / ST7MC1K4
ST7MC2N6 1)/ ST7MC2S4 / ST7MC2S6 / ST7MC2S7 / ST7MC2S9
/ ST7MC2R6 / ST7MC2R7 / ST7MC2R9 / ST7MC2M9
Program memory - bytes
8K
16K
16K
32K
48K
60K
RAM (stack) - bytes
384 (256)
768 (256)
768 (256)
1024 (256)
1536 (256)
Peripherals
Watchdog, 16-bit Timer A, LINSCI
, 10-bit ADC, MTC, 8-bit PWM ART, ICD
-
SPI, 16-bit Timer B
Operating
Supply vs. Frequency
4.5 to 5.5V with fCPU≤8MHz
Temperature Range
-40°C to +85°C
/-40°C to +125°C
-40°C to
+85°C
-40°C to +85°C
-40°C to +125°C
-40°C to +85 °C
-40°C to
+125°C
Package
LQFP32
LQFP32
LQFP44
SDIP561)/LQFP64
LQFP64/44
LQFP80/64
LQFP44
1


Số phần tương tự - ST7FMC1S7T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FMC1K2B6 STMICROELECTRONICS-ST7FMC1K2B6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K2T3 STMICROELECTRONICS-ST7FMC1K2T3 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K2T6 STMICROELECTRONICS-ST7FMC1K2T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K2TC STMICROELECTRONICS-ST7FMC1K2TC Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7FMC1K4T6 STMICROELECTRONICS-ST7FMC1K4T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
More results

Mô tả tương tự - ST7FMC1S7T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com