công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08JM32CGTE bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08JM32CGTE
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
Download  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JM32CGTE bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08JM32CGTE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JM32CGTE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 388 page
background image
MC9S08JM60 Series Features
8-Bit HCS08 Central Processor Unit (CPU)
• 48-MHz HCS08 CPU (central processor unit)
• 24-MHz internal bus frequency
• HC08 instruction set with added BGND instruction
• Background debugging system
• Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
• In-circuit emulator (ICE) debug module containing
two comparators and nine trigger modes. Eight
deep FIFO for storing change-of-flow addresses
and event-only data. Debug module supports both
tag and force breakpoints.
• Support for up to 32 interrupt/reset sources
Memory Options
• Up to 60 KB of on-chip in-circuit programmable
flash memory with block protection and security
options
• Up to 4 KB of on-chip RAM
• 256 bytes of USB RAM
Clock Source Options
• Clock source options include crystal, resonator,
external clock
• MCG (multi-purpose clock generator) — PLL and
FLL; internal reference clock with trim adjustment
System Protection
• Optional computer operating properly (COP) reset
with option to run from independent 1-kHz internal
clock source or the bus clock
• Low-voltage detection with reset or interrupt
• Illegal opcode detection with reset
• Illegal address detection with reset
Power-Saving Modes
• Wait plus two stops
Peripherals
• USB — USB 2.0 full-speed (12 Mbps) device
controller with dedicated on-chip USB transceiver,
3.3-V regulator and USBDP pull-up resister;
supports control, interrupt, isochronous, and bulk
transfers; supports endpoint 0 and up to 6
additional endpoints; endpoints 5 and 6 can be
combined to provide double buffering capability
• ADC — 12-channel, 12-bit analog-to-digital
converter with automatic compare function;
internal temperature sensor
• ACMP — Analog comparator with option to
compare to internal reference; operation in stop3
mode
• SCI — Two serial communications interface
modules with optional 13-bit break LIN extensions
• SPI — Two 8- or 16-bit selectable serial peripheral
interface modules with a receive data buffer
hardware match function
• IIC — Inter-integrated circuit bus module to
operate at up to 100 kbps with maximum bus
loading; multi-master operation; programmable
slave address; interrupt-driven byte-by-byte data
transfer; 10-bit addressing and broadcast modes
support
• Timers — One 2-channel and one 6-channel
16-bit timer/pulse-width modulator (TPM)
modules: Selectable input capture, output
compare, and edge-aligned PWM capability on
each channel. Each timer module may be
configured for buffered, centered PWM (CPWM)
on all channels
• KBI — 8-pin keyboard interrupt module
• RTC — Real-time counter with binary- or
decimal-based prescaler
Input/Output
• Up to 51 general-purpose input/output pins
• Software selectable pullups on ports when used
as inputs
• Software selectable slew rate control on ports
when used as outputs
• Software selectable drive strength on ports when
used as outputs
• Master reset pin and power-on reset (POR)
• Internal pullup on RESET, IRQ, and BKGD/MS
pins to reduce customer system cost
Package Options
• 64-pin quad flat package (QFP)
• 64-pin low-profile quad flat package (LQFP)
• 48-pin quad flat no-lead (QFN)
• 44-pin low-profile quad flat package (LQFP)


Số phần tương tự - MC9S08JM32CGTE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08JM32 NXP-MC9S08JM32 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
More results

Mô tả tương tự - MC9S08JM32CGTE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
   HCS08 Microcontrollers
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com