công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAP200HDAEC bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
CAP200HDAEC bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
2 / 2 page Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 2 Outline Dimensions AUXILIARY CONTACT LEADS COIL LEADS WHITE = AUXILIARY CONTACT (WHEN ORDERED) BLACK = – COIL RED = + COIL SEE COIL WIRE LENGTH IN P/N STAINLESS 2.85 ± .025 (72.3 ± .63) .5 ± .01 (12.6 ± .26) 2.05 ± .02 (52 ± .51) 2.58 ± .02 (65.6 ± .51) .55 ± .025 (14.04 ± .63) 2.20 ± .025 (55.81 ± .63) 2.04 ± .02 DIA (51.94 ± .51) 3.17 ± .01 (80.48 ± .26) 2.29 ± .02 DIA (58.19 ± .51) 1.05 ± .01 (26.67 ± .26) 1.65 ± .01 (42.0 ± .26) 2.688 ± .01 (68.28 ± .26) A1 "+" POSITIVE TERMINAL A2 "–" NEGATIVE TERMINAL .225 ± .01DIA (5.72 ± .26) M8 x 1.25 POWER TERMINALS (HARDWARE SUPPLIED): 2 X M8 WASHER, STAINLESS 2 X M8 LOCKWASHER – SPLIT RING, STAINLESS 2 X M8 x 1.25 NUT, STAINLESS TORQUE 80 TO 100 IN-LB (8.8 TO 11 NM) MOUNTING HARDWARE (NOT SUPPLIED): 2 X M5 BOLT 2 X M5 LOCKWASHER 2 X M5 NARROW WASHER TORQUE 15 TO 30 IN-LB (1.7 TO 3.3 NM) Estimated Make & Break Power Switching Ratings Electrical Load Life Ratings for Typical Applications NOTES: 1) FOR RESISTIVE LOADS WITH 300 µH MAXIMUM INDUCTANCE. 2) ESTIMATES BASED ON EXTRAPOLATED DATA. USER IS ENCOURAGED TO VERIFY RATING IN ACTUAL APPLICATION. 3) END OF LIFE WHEN DIELECTRIC STRENGTH BETWEEN TERMINALS FALLS BELOW 50MEGOHMS @ 500VDC. 4) THE MAXIMUM CONTACT MAKE AND BREAK POWER IS ESTIMATED AT 208KW. BREAK ONLY ABOVE 208KW TO AVOILD CONTACT WELDING. 100,000 10,000 1,000 100 10 1 1,000 10,000 100 10 1 Continuous Current Carry Region Non-continuous Current Carry Region 200A Load Current (Amps) 80% Minimum Pre Charge 90% Nominal Pre Charge mS CAP200 CAPACITIVE MAKE TEST CURVES 700 650 600 550 500 450 400 350 300 250 200 150 100 50 0 0.0 0.5 1.0 1.5 2.0 Make/Break Life Capacitive & Resistive Loads at 320VDC (1) (2) @90% capacitive pre-charge (make only) see chart below Cycles 50,000 @80% capacitive pre-charge (make only) see chart below Cycles 50 @200A make/break (2 consecutive, reverse polarity) (1) Cycles 12 2,000A (break only) (1) Cycles 1* (1) Resistive load includes inductance L = 25µH. Load @ 2500A tested @ 200µH. (2) Life based on projected Weibull Life with 95% teliability. * Does not meet dielectric and IR after test. For factory-direct application assistance, dial 800-253-4560, ext. 2053, or 805-220-2053. 1654770 – 2.5M – KRG – FP – 6-04 Printed in U.S.A. CAP200 Series (Continued) 500 Amp, 12-900VDC Contactor with 1 Form A (SPST-NO) Contacts |
Số phần tương tự - CAP200HDAEC |
|
Mô tả tương tự - CAP200HDAEC |