công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08JE128CLK bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08JE128CLK
Giải thích chi tiết về linh kiện  Covers: MC9S08JE128 and MC9S08JE64
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JE128CLK bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08JE128CLK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JE128CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Devices in the MC9S08JE128 series
Freescale Semiconductor
3
1
Devices in the MC9S08JE128 series
The following table summarizes the feature set available in the MC9S08JE128 series of MCUs.
Table 1. MC9S08JE128 series Features by MCU and Package
Feature
MC9S08JE128
MC9S08JE64
Pin quantity
81
80
64
64
FLASH size (bytes)
131072
65535
RAM size (bytes)
12K
12K
Programmable Analog Comparator (PRACMP)
yes
yes
Debug Module (DBG)
yes
yes
Multipurpose Clock Generator (MCG)
yes
yes
Inter-Integrated Communication (IIC)
yes
yes
Interrupt Request Pin (IRQ)
yes
yes
Keyboard Interrupt (KBI)
16
16
7
7
Port I/O1
1 Port I/O count does not include two (2) output-only and one (1) input-only pins.
47
46
33
33
Dedicated Analog Input Pins
12
12
Power and Ground Pins
8
8
Time Of Day (TOD)
yes
yes
Serial Communications (SCI1)
yes
yes
Serial Communications (SCI2)
yes
yes
Serial Peripheral Interface 1 (SPI1 (FIFO))
yes
yes
Serial Peripheral Interface 2 (SPI2)
yes
yes
Carrier Modulator Timer pin (IRO)
yes
yes
TPM input clock pin (TPMCLK)
yes
yes
TPM1 channels
4
4
TPM2 channels
4
4
2
2
XOSC1
yes
yes
XOSC2
yes
yes
USB
yes
yes
Programmable Delay Block (PDB)
yes
yes
SAR ADC differential channels2
2 Each differential channel is comprised of 2 pin inputs.
44
3
3
SAR ADC single-ended channels
8
8
6
6
Voltage reference output pin (VREFO)
yes
yes
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Số phần tương tự - MC9S08JE128CLK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08JM16 FREESCALE-MC9S08JM16 Datasheet
7Mb / 386P
   Microcontrollers
logo
NXP Semiconductors
MC9S08JM16 NXP-MC9S08JM16 Datasheet
174Kb / 2P
   8-bit USB microcontroller
REV 1
MC9S08JM16 NXP-MC9S08JM16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JM16 NXP-MC9S08JM16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JM16 NXP-MC9S08JM16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Mô tả tương tự - MC9S08JE128CLK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08LG32 FREESCALE-MC9S08LG32 Datasheet
3Mb / 47P
   Covers: MC9S08LG32 and MC9S08LG16
Rev. 4, 2/2009
logo
List of Unclassifed Man...
400-5053 ETC2-400-5053 Datasheet
117Kb / 2P
   Case and Optional Covers
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64 Datasheet
839Kb / 38P
   Covers: MC9S08GW64 and MC9S08GW32
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Glenair, Inc.
189-047 GLENAIR-189-047 Datasheet
168Kb / 2P
   Plug and Receptacle Protective Covers
logo
Freescale Semiconductor...
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
logo
List of Unclassifed Man...
D01294 ETC2-D01294 Datasheet
4Mb / 4P
   Hexagon Nut And Screw Head Covers
logo
Littelfuse
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
   Protective Covers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com