công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC805P18MP bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC805P18MP
Giải thích chi tiết về linh kiện  SPECIFICATION (General Release)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC805P18MP bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68HC805P18MP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC805P18MP Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INTRODUCTION
Rev. 1.0
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
SECTION 1
INTRODUCTION
1.1 Introduction
The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
microcontroller family with a 4-channel, 8-bit analog-to-digital (A/D) converter, a
16-bit timer with output compare and input capture, a serial communications port
(SIOP), a computer operating properly (COP) watchdog timer, and 21 input/output
(I/O) pins (20 bidirectional, one input-only). The memory map contains 192 bytes
of RAM, 8064 bytes of program EEPROM (for user code), 512 bytes of boot ROM,
and128 bytes of EEPROM (for data storage). This device is available in a 28-pin
dual in-line package (DIP) or a small outline (SOIC) package. A functional block
diagram of the MC68HC805P18 is shown in Figure 1-1.
1.2 Features
Low-cost HC05 core running at 2 MHz bus speed
28-pin DIP or SOIC package
4 MHz on-chip crystal/ceramic resonator oscillator
8064 bytes of user EEPROM including 48 bytes of page zero EEPROM and
16 bytes of user vectors
192 bytes of on-chip RAM
128 bytes of EEPROM
Low-voltage reset
4-channel, 8-bit A/D converter
SIOP serial communications port
COP watchdog timer with active pulldown on RESET
16-bit timer with output compare and input capture
20 bidirectional I/O lines and one input-only line
High current sink and source on two I/O pins (PC0 and PC1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC68HC805P18MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC805P18MP FREESCALE-MC68HC805P18MP Datasheet
1Mb / 144P
   Advance Information
logo
NXP Semiconductors
MC68HC805P18MP NXP-MC68HC805P18MP Datasheet
1Mb / 111P
   The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
More results

Mô tả tương tự - MC68HC805P18MP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
   General Release Specification
logo
Freescale Semiconductor...
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
   General Release Specification
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
   General Release Specification
REV. 2.0
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
   General Release Specification
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
   General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
logo
Freescale Semiconductor...
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
   SPECIFICATION (General Release)
68HC05P9A FREESCALE-68HC05P9A_1 Datasheet
1Mb / 90P
   SPECIFICATION(General Release)
68HC08KL8 FREESCALE-68HC08KL8 Datasheet
2Mb / 256P
   General Release Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com