công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA19978AHV bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TDA19978AHV
Giải thích chi tiết về linh kiện  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978AHV bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TDA19978AHV Datasheet HTML 3Page - NXP Semiconductors TDA19978AHV Datasheet HTML 4Page - NXP Semiconductors TDA19978AHV Datasheet HTML 5Page - NXP Semiconductors TDA19978AHV Datasheet HTML 6Page - NXP Semiconductors TDA19978AHV Datasheet HTML 7Page - NXP Semiconductors TDA19978AHV Datasheet HTML 8Page - NXP Semiconductors TDA19978AHV Datasheet HTML 9Page - NXP Semiconductors TDA19978AHV Datasheet HTML 10Page - NXP Semiconductors TDA19978AHV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TDA19978A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
7 of 38
NXP Semiconductors
TDA19978A
Quad HDMI 1.3a receiver with digital processing
VP[20]
62
O
video port output bit 20
VDDO(3V3)
63
P
video port output supply voltage; 3.3 V
VDDC(1V8)
64
P
digital core supply voltage; 1.8 V
VSSO
65
G
video port output ground
VP[21]
66
O
video port output bit 21
VP[22]
67
O
video port output bit 22
VP[23]
68
O
video port output bit 23
VP[24]
69
O
video port output bit 24
VP[25]
70
O
video port output bit 25
VP[26]
71
O
video port output bit 26
VP[27]
72
O
video port output bit 27
VSSC
73
G
digital core ground
VDDO(3V3)
74
P
video port output supply voltage; 3.3 V
VP[28]
75
O
video port output bit 28
VP[29]
76
O
video port output bit 29
VSSO
77
G
video port output ground
ACLK
78
O
audio clock output
AP0
79
O
audio port 0 output
AP1
80
O
audio port 1 output
AP2/CTL0
81
O
audio port 2 output
CTL0 control (DVI mode) output
AP3/CTL1
82
O
audio port 3 output
CTL1 control (DVI mode) output
AP4/WS/CTL2
83
O
audio port 4 output
word select output
CTL2 control (DVI mode) output
VDDO(3V3)
84
P
video port output supply voltage; 3.3 V
AP5/SYSCLK/CTL3
85
O
audio port 5 output
system clock audio output
CTL3 control (DVI mode) output
VSSO
86
G
video port output ground
VDDH(3V3)
87
P
HDMI audio PLL supply voltage; 3.3 V
VDDH(3V3)
88
P
HDMI audio PLL supply voltage; 3.3 V
VSSH
89
G
HDMI audio PLL ground
VDDH(1V8)
90
P
HDMI audio PLL supply voltage; 1.8 V
VSSH
91
G
HDMI audio PLL ground
VDDC(1V8)
92
P
digital core supply voltage; 1.8 V
XTALOUT
93
O
crystal oscillator output
XTALIN/MCLK
94
I
crystal oscillator input
test pattern clock input
VDDI(3V3)
95
P
digital inputs supply voltage; 3.3 V
Table 3.
Pin description …continued
Symbol
Pin
Type[1] Description


Số phần tương tự - TDA19978AHV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Mô tả tương tự - TDA19978AHV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com