công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA19978AHV bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
TDA19978AHV bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
2 / 38 page TDA19978A_3 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 03 — 16 April 2010 2 of 38 NXP Semiconductors TDA19978A Quad HDMI 1.3a receiver with digital processing 2. Features and benefits Complies with the HDMI 1.3a, DVI 1.0, CEA-861-D and HDCP 1.2 standards Four (quad) independent HDMI inputs, up to the HDMI frequency of 205 MHz Embedded auto-adaptive equalizer on all HDMI links EDID memory: 253 shared bytes and three bytes dedicated to each HDMI input Supports color depth processing (8-bit, 10-bit or 12-bit per color) Color gamut metadata packet with interrupt on each update, readable via the I2C-bus Up to four S/PDIF or I2S-bus outputs (eight channels) at a sampling rate up to 192 kHz with IEC 60958/IEC 61937 stream HBR audio stream up to 768 kHz with four demultiplexed S/PDIF or I2S-bus outputs HBR streams (e.g. DTS-HD master audio and Dolby TrueHD up to eight channels due to HBR packet for stream with a frame rate up to 768 kHz) support DSD and DST audio stream up to six DSD channels output for SACD with DST Audio Packet support Channel status decoder supports multi-channel reception Improved audio clock generation using an external reference clock System/master clock output (128/256/512 × f s) enables the use of the UDA1334BTS The HDMI interface supports: All HDTV formats up to 1920 × 1080p at 50/60 Hz and WUXGA (1920 × 1200p at 60 Hz) with support for reduced blanking PC formats up to UXGA (1600 × 1200p at 60 Hz) Embedded oscillator (an external crystal can be used) Frame and field detection for interlaced video signal Sync timing measurements for format recognition Improved system for measurements of blanking and video active area allowing an accurate recognition of PC and TV formats HDCP with repeater capability Embedded non-volatile memory storage of HDCP keys Programmable color space input signal conversion from RGB-to-YCbCr or YCbCr-to-RGB Output formats: RGB 4:4:4, YCbCr 4:4:4, YCbCr 4:2:2 semi-planar based on the ITU-R BT.601 standard and YCbCr 4:2:2 ITU-R BT.656 8-bit, 10-bit or 12-bit output formats selectable using the I2C-bus (8-bit and 10-bit only in 4:4:4 format) I2C-bus adjustable timing of video port (tsu(Q) and th(Q)) Downsampling-by-two with selectable filters on Cb and Cr channels in 4:2:2 mode Internal video and audio pattern generator Controllable using the I2C-bus; 5 V tolerant and bit rate up to 400 kbit/s DDC-bus inputs 5 V tolerant and bit rate up to 400 kbit/s LV-TTL outputs Power-down mode CMOS process 1.8 V and 3.3 V power supplies Lead-free (Pb) HLQFP144 package |
Số phần tương tự - TDA19978AHV |
|
Mô tả tương tự - TDA19978AHV |