công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA19978A bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện TDA19978A
Giải thích chi tiết về linh kiện  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978A bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button TDA19978A Datasheet HTML 5Page - NXP Semiconductors TDA19978A Datasheet HTML 6Page - NXP Semiconductors TDA19978A Datasheet HTML 7Page - NXP Semiconductors TDA19978A Datasheet HTML 8Page - NXP Semiconductors TDA19978A Datasheet HTML 9Page - NXP Semiconductors TDA19978A Datasheet HTML 10Page - NXP Semiconductors TDA19978A Datasheet HTML 11Page - NXP Semiconductors TDA19978A Datasheet HTML 12Page - NXP Semiconductors TDA19978A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TDA19978A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
9 of 38
NXP Semiconductors
TDA19978A
Quad HDMI 1.3a receiver with digital processing
[1]
P = power supply; G = ground; I = input; O = output and I/O = input/output.
[2]
Connected to the ground of the HDMI receiver (VSSH) in normal operation.
8.
Functional description
The TDA19978A converts digital data streams input by the HDMI sources into parallel
digital data for use by media and video signal processing integrated circuits in devices for
HDTV. Data streams can be decoded with or without HDCP protection.
Outputs from the TDA19978A can be RGB 4:4:4, YCbCr 4:4:4, YCbCr 4:2:2 semi-planar
format based on the ITU-R BT.601 standard or YCbCr 4:2:2 based on the ITU-R BT.656
format. Inputs can be both progressive and interlaced formats. The TDA19978A
comprises a color space conversion block, downsampling filters and an embedded timing
code function. In addition, the HDCP repeater function enables other HDMI devices to be
connected to form an extended “total application”.
8.1 Software Drivers
Software drivers are provided for easy configuration and use of the TDA19978A. These
drivers can be integrated with a large range of processors, with or without an operating
system. They control activity detection, input selection, video mode identification, color
conversion, Power-down modes, HDCP and InfoFrame notification.
8.2 HDMI inputs
Control of the four HDMI inputs can be automatic using activity detection or using the
I2C-bus. The HDMI receiver inputs are defined by pins RXx0+, RXx0
−, RXx1+, RXx1−,
RXx2+, RXx2
−, RXxC+, RXxC−, RRXx, HSCLx and HSDAx. In the pin names, x equals A,
B, C or D (as applicable).
8.3 Termination resistance control
The HDMI receiver input contains a termination resistance control set by an external
resistor connected between pins RRXx and VDDH(3V3). In RRXx, x equals 1 for inputs A
and B or 2 for inputs C and D. Typically, the characteristic impedance is 50
Ω and the
default value of the external terminal control resistor is 12 k
Ω ± 1 %.
VSSH
135
G
HDMI receiver ground
VDDC(1V8)
136
P
digital core supply voltage; 1.8 V
VDDC(1V8)
137
P
digital core supply voltage; 1.8 V
HSDAC
138
I/O
HDMI input/output C HDCP DDC-bus serial data
HSCLC
139
I
HDMI input C HDCP DDC-bus serial clock
HSDAD
140
I/O
HDMI input/output D HDCP DDC-bus serial data
HSCLD
141
I
HDMI input D HDCP DDC-bus serial clock
VDDI(3V3)
142
P
digital inputs supply voltage; 3.3 V
RRX2
143
I
HDMI inputs C and D termination resistance control
VDDH(1V8)
144
P
HDMI receiver supply voltage; 1.8 V
Exposed die pad
central G
exposed die pad; connect to digital core ground (VSSC)
Table 3.
Pin description …continued
Symbol
Pin
Type[1] Description


Số phần tương tự - TDA19978A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Mô tả tương tự - TDA19978A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com