công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1034ARQZ-REEL bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện ADM1034ARQZ-REEL
Giải thích chi tiết về linh kiện  Thermal Monitor and Fan Speed (RPM) Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1034ARQZ-REEL bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  ADM1034ARQZ-REEL Datasheet HTML 1Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 2Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 3Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 4Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADM1034
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Test Conditions / Comments
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VCC (Note 2)
3.0
3.30
3.6
V
Supply Current, ICC
Interface inactive, ADC active
3.0
mA
Standby mode
900
mA
Undervoltage Lockout Threshold
2.5
V
Power−On Reset Threshold
1.0
2.4
V
Temperature−to−Digital Converter
Internal Sensor Accuracy
+20°C ≤ TA ≤ +60°C
−40°C ≤ TA ≤ +100°C
±1.0
±2.0
±2.5
°C
Resolution
0.03125
°C
External Diode Sensor Accuracy
−40°C ≤ TD ≤ +100°C; TA = +40°C
−40°C ≤ TD ≤ +100°C; +20°C ≤ TA ≤ +60°C
−40°C ≤ TD ≤ +100°C; −40°C ≤ TA ≤ +100°C
±0.5
±1.0
±1.0
±1.25
±2.5
°C
Resolution
0.03125
°C
Remote Sensor Source Current
High level
Mid level
Low level
87
33
5.5
mA
Series Resistance Cancellation
1000
W
Power Supply Sensitivity
±1.0
%/V
Conversion Time (Local Temperature)
Averaging enabled
11
ms
Conversion Time (Remote Temperature)
Averaging enabled
32
ms
Total Conversion Time
Averaging enabled
75
ms
Open−Drain Digital Outputs (ALERT, THERM, FAN_FAULT, DRIVE1, DRIVE2) (Note 3)
Output Low Voltage, VOL
IOUT = −6.0 mA; VCC = +3 V
0.4
V
High Level Output Leakage Current, IOH
VOUT = VCC; VCC = 3 V
0.1
1.0
mA
Digital Input Leakage Current (TACH1, TACH2)
Input High Current, IIH
−VIN = VCC
−1.0
mA
Input Low Current, IIL
VIN = 0
1.0
mA
Input Capacitance, CIN
7.0
pF
Digital Input Logic Levels (TACH1, TACH2)
Input High Voltage, VIH
2.0
5.5
V
Input Low Voltage, VIL
−0.3
+0.8
V
Hysteresis
500
mV p−p
Open−Drain Serial Data Bus Output (SDA)
Output Low Voltage, VOL
IOUT = −6.0 mA; VCC
0.4
V
High Level Output Leakage Current, IOH
VOUT = VCC
0.1
1.0
mA
Serial Data Bus Inputs (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
Analog Inputs (Location, REF)
Input Resistance
80
125
160
kW
1. Typicals are at TA = 25°C and represent most likely parametric norm. Standby current typ. is measured with VCC = 3.3 V. Timing
specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.1 V for a rising edge.
2. Operation at 5.5 V is guaranteed by design, not production tested.
3. Recommend use of 100 kW pullup resistors for all open−drain outputs from the ADM1034.
4. Guaranteed by design, not production tested.
5. SMBus timeout disabled by default. See the SMBus section for more information.


Số phần tương tự - ADM1034ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
More results

Mô tả tương tự - ADM1034ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com