công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1034ARQZ-REEL bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện ADM1034ARQZ-REEL
Giải thích chi tiết về linh kiện  Thermal Monitor and Fan Speed (RPM) Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1034ARQZ-REEL bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button ADM1034ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 10Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 11Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 12Page - ON Semiconductor ADM1034ARQZ-REEL Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ADM1034
http://onsemi.com
9
Figure 16. Setting Up Multiple ADM1034 Addresses
in SMBus 2.0 ARP−Capable Mode
VCC
1.5kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1kΩ
1.5kΩ
GND
ADM1034 1
ADM1034 2
ADM1034 3
ADM1034 5
ADM1034 7
ARP
LOCATION = 111
ARP
LOCATION = 110
ADM1034 4
ARP
LOCATION = 101
ARP
LOCATION = 100
ADM1034 6
FD
ADDRESS = 53h
FD
ADDRESS = 52h
ADM1034 8
FD
ADDRESS = 51h
FD
ADDRESS = 50h
In SMBus 2.0 mode, this vendor specific ID is generated
by an on−chip random number generator. This should enable
two adjacent ADM1034s in the same system to powerup
with a different vendor specific ID, allowing the master to
identify the two separate ADM1034’s and assign a different
address to each.
The state of the LOCATION input on powerup is also
reflected in the UDID. This is useful when there is more than
one ADM1034 in the system, so the master knows which one
it is communicating with. The complete UDID is listed in
Table 3.
The SMBus 2.0 master issues both general and directed
ARP commands. A general command is directed at all ARP
devices. A directed command is targeted at a single device
once an address has been established. The PEC byte must be
used for ARP commands. (Refer to the Packet Error
Checking (PEC) section.)
The ADM1034 responds to the following commands:
Prepare to ARP (general)
Reset device (general and directed)
Get UDID (general and directed)
Assign address (general)
Table 1. Internal Register Descriptions
Register
Description
Configuration
Provides control and configuration of various functions on the device.
Conversion Rate
Determines the number of measurements per second completed by the ADM1034.
Address Pointer
Contains the address that selects one of the other internal registers. When writing to the ADM1034,
the first byte of data is always a register address, written to the address pointer register.
Status
Provides the status of each limit comparison.
Interrupt Mask
Allows the option to mask ALERTs due to particular out−of−limit conditions.
Value and Limit
Stores the results of temperature and fan speed measurements, along with their limit values.
Offset
Allows the local and remote temperature channel readings to be offset by a twos complement value
written to them. These values are automatically added to the temperature values (or subtracted from
them if negative). This allows the systems designer to optimize the system if required, by adding or
subtracting up to 15.875°C from a temperature reading.
THERM Limit and Hysteresis
Contains the temperature value at which THERM is asserted and indicates the level of hysteresis.
Look−Up Table
Used to program the look−up table for the fan speed−to−temperature profile.
THERM % On−time and
THERM % Limit
Reflects the state of the THERM input and monitors the duration of the assertion time of the signal as
a percentage of a time window. The user can program the length of the time window.
Table 2. Resistor Ratios for Setting LOCATION Bits
Ideal Ratio R2/(R1 + R2)
R1 kW
R2 W
Actual R2/(R1 + R2)
Error %
SMBus Ver
(Note 1)
SMBus Address
UDID LLL
N/A
0
O/C
1
0
ARP
N/A
111
0.8125
18
82
0.82
+0.75
ARP
N/A
110
0.6875
22
47
0.6812
−0.63
ARP
N/A
101
0.5625
12
15
0.5556
−0.69
ARP
N/A
100
0.4375
15
12
0.4444
+0.69
FD
0x53
N/A
0.3125
47
22
0.3188
+0.63
FD
0x52
N/A
0.1875
82
18
0.18
−0.75
FD
0x51
N/A
N/A
O/C
0
0
0
FD
0x50
N/A
1. ARP denotes ARP−capable mode, FD denotes fixed and discoverable mode.


Số phần tương tự - ADM1034ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
More results

Mô tả tương tự - ADM1034ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com