công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1030ARQZ-REEL bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện ADM1030ARQZ-REEL
Giải thích chi tiết về linh kiện  Intelligent Temperature Monitor and PWM Fan Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1030ARQZ-REEL bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button ADM1030ARQZ-REEL Datasheet HTML 5Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 6Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 10Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 11Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 12Page - ON Semiconductor ADM1030ARQZ-REEL Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
REV. A
ADM1030
–9–
ALERT RESPONSE ADDRESS
Alert Response Address (ARA) is a feature of SMBus devices
that allows an interrupting device to identify itself to the host
when multiple devices exist on the same bus.
The INT output can be used as an interrupt output or can be used
as an SMBALERT. One or more INT outputs can be connected
to a common SMBALERT line connected to the master. If a
device’s INT line goes low, the following procedure occurs:
1. SMBALERT pulled low.
2. Master initiates a read operation and sends the Alert
Response Address (ARA = 0001 100). This is a general call
address that must not be used as a specific device address.
3. The device whose INT output is low responds to the Alert
Response Address, and the master reads its device address.
The address of the device is now known and can be interro-
gated in the usual way.
4. If more than one device’s INT output is low, the one with
the lowest device address will have priority, in accordance
with normal SMBus arbitration.
5. Once the ADM1030 has responded to the Alert Response
Address, it will reset its INT output; however, if the error
condition that caused the interrupt persists, INT will be
reasserted on the next monitoring cycle.
TEMPERATURE MEASUREMENT SYSTEM
Internal Temperature Measurement
The ADM1030 contains an on-chip bandgap temperature sen-
sor. The on-chip ADC performs conversions on the output of
this sensor and outputs the temperature data in 10-bit two’s
complement format. The resolution of the local temperature
sensor is 0.25 C. The format of the temperature data is shown
in Table II.
External Temperature Measurement
The ADM1030 can measure the temperature of an external
diode sensor or diode-connected transistor, connected to Pins
9 and 10.
These pins are a dedicated temperature input channel. The
function of Pin 7 is as a THERM input/output and is used to
flag overtemperature conditions.
The forward voltage of a diode or diode-connected transistor,
operated at a constant current, exhibits a negative temperature
coefficient of about –2 mV/ C. Unfortunately, the absolute
value of VBE, varies from device to device, and individual
calibration is required to null this out, so the technique is
unsuitable for mass production.
The technique used in the ADM1030 is to measure the change
in VBE when the device is operated at two different currents.
This is given by:
DVBE = KT/q ¥ ln (N)
where:
K is Boltzmann’s constant.
q is charge on the carrier.
T is absolute temperature in Kelvins.
N is ratio of the two currents.
Figure 3 shows the input signal conditioning used to measure
the output of an external temperature sensor. This figure shows
the external sensor as a substrate transistor, provided for tempera-
ture monitoring on some microprocessors, but it could equally
well be a discrete transistor.
LOW-PASS
FILTER
fC = 65kHz
BIAS
DIODE
REMOTE
SENSING
TRANSISTOR
I
N � IIBIAS
D+
D–
VOUT+
VOUT–
TO
ADC
VDD
Figure 3. Signal Conditioning
If a discrete transistor is used, the collector will not be grounded,
and should be linked to the base. If a PNP transistor is used, the
base is connected to the D– input and the emitter to the D+
input. If an NPN transistor is used, the emitter is connected to
the D– input and the base to the D+ input.
One LSB of the ADC corresponds to 0.125 C, so the ADM1030
can theoretically measure temperatures from –127 C to +127.75 C,
although –127 C is outside the operating range for the device.
The extended temperature resolution data format is shown in
Tables III and IV.
Table II. Temperature Data Format (Local Temperature and
Remote Temperature High Bytes)
Temperature (�C)
Digital Output
–128 C
1000 0000
–125 C
1000 0011
–100 C
1001 1100
–75 C
1011 0101
–50 C
1100 1110
–25 C
1110 0111
–1 C
1111 1111
0 C
0000 0000
+1 C
0000 0001
+10 C
0000 1010
+25 C
0001 1001
+50 C
0011 0010
+75 C
0100 1011
+100 C
0110 0100
+125 C
0111 1101
+127 C
0111 1111
Rev. 2 | Page 9 of 29 | www.onsemi.com


Số phần tương tự - ADM1030ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1030ARQ AD-ADM1030ARQ Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results

Mô tả tương tự - ADM1030ARQZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com