công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1027ARQ-REEL7 bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện ADM1027ARQ-REEL7
Giải thích chi tiết về linh kiện  dBCOOL??Remote Thermal Controller and Voltage Monitor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1027ARQ-REEL7 bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button ADM1027ARQ-REEL7 Datasheet HTML 5Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 6Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 7Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 8Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 9Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 10Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 11Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 12Page - ON Semiconductor ADM1027ARQ-REEL7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
REV. A
ADM1027
–9–
Any number of bytes of data can be transferred over the serial
bus in one operation. However, it is not possible to mix read
and write in one operation because the type of operation is
determined at the beginning and subsequently cannot be changed
without starting a new operation.
In the case of the ADM1027, write operations contain either
one or two bytes, and read operations contain one byte and
perform the following functions:
To write data to one of the device data registers or read data
from it, the address pointer register must be set so the correct
data register is addressed, then data can be written into that
register or read from it. The first byte of a write operation always
contains an address that is stored in the address pointer register.
If data is to be written to the device, then the write operation
contains a second data byte that is written to the register selected
by the address pointer register.
This is illustrated in Figure 6. The device address is sent over
the bus followed by R/W being set to 0. This is followed by two
data bytes. The first data byte is the address of the internal data
register to be written to, which is stored in the address pointer
register. The second data byte is the data to be written to the
internal data register.
When reading data from a register, there are two possibilities:
1. If the ADM1027 address pointer register value is unknown or
not the desired value, it is first necessary to set it to the correct
value before data can be read from the desired data register.
This is done by performing a write to the ADM1027 as before,
but only sending the data byte containing the register address,
as data is not to be written to the register. This is shown in
Figure 7.
A read operation is then performed consisting of the serial
bus address, R/W bit set to 1, followed by the data byte read
from the data register. This is shown in Figure 8.
2. If the address pointer register is known to be already at the
desired address, data can be read from the corresponding data
register without first writing to the address pointer register,
so Figure 7 can be omitted.
R/
W
0
SCL
SDA
1
0
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1027
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
9
1
ACK. BY
ADM1027
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1027
STOP BY
MASTER
FRAME 3
DATA
BYTE
1
9
SCL (CONTINUED)
SDA (CONTINUED)
Figure 6. Writing a Register Address to the Address Pointer Register, Then Writing Data to the Selected Register
R/
W
0
SCL
SDA
1
0
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADM1027
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
9
1
ACK. BY
ADM1027
9
Figure 7. Writing to the Address Pointer Register Only
R/
W
0
SCL
SDA
1
0
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
DATA BYTE FROM ADM1027
1
9
1
ACK. BY
ADM1027
9
Figure 8. Reading Data from a Previously Selected Register
Rev. 3 | Page 9 of 56 | www.onsemi.com


Số phần tương tự - ADM1027ARQ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
More results

Mô tả tương tự - ADM1027ARQ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com