công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-U86-D1427-10421 bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện P-U86-D1427-10421
Giải thích chi tiết về linh kiện  2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U86-D1427-10421 bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  P-U86-D1427-10421 Datasheet HTML 1Page - Amphenol Corporation P-U86-D1427-10421 Datasheet HTML 2Page - Amphenol Corporation P-U86-D1427-10421 Datasheet HTML 3Page - Amphenol Corporation P-U86-D1427-10421 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
U86-D1427-30XX1
2 OUTER PIPES
U86-D1427-20XX1
2 INNER PIPES
DATE CODE
PART NUMBER
(LAST DIGIT INDICATING
PACKAGING TYPE, NOT
PRINTED ON THE PART)
U86-D1427-10XX1
4 LIGHT PIPES
B
C
D
12
A
3
2
1
4
B
A
56
C
P-U86-D1427-X0XX1
X
X
X
FEB23/09
FEB23/09
X
X
X
J.SI
J.SI
03554
CODE IDENT. NO.
A
3:2
TITLE
1 OF 4
DESIGNED
DIMENSIONS ARE IN MILLIMETERS
REF.
N/A
WITH LIGHT PIPE
0.15
MATERIAL AND FINISH
Amphenol Canada Corp.
TOLERANCES ARE:
DWG APP'D
IE APP'D
QA APPD
CHECKED
DRAWN
X.XX
DECIMALS
ANGLES
UNLESS OTHERWISE SPECIFIED
(ELASTOMERIC EMI GASKET)
REV.
SHEET
A4
DWG. NO.
PROJECT
SIZE
SCALE
1
APPROVALS
DATE
2X1 SFP+ ULTRA-PORT COMBO
AMPHENOL CANADA CORP.
DO NOT SCALE DRAWING
3
X
X.X 0.25
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED
TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM
3.81-7.62 μm TIN/LEAD ON TERMINATION
0
PRESS FIT CONNECTOR PLATING
3.81-7.62 μm TIN/LEAD ON TERMINATION
4 = 0.38 μm MIN. GOLD ON MATING AREA
X
X
X
1 = 0.76 μm MIN. GOLD ON MATING AREA
1
AMPHENOL PART NUMBER CONFIGURATION
U86 - D 1 4 2 7 -
LIGHT PIPE CONFIGURATION
1 = 4 LIGHT PIPES
2 = 2 INNER LIGHT PIPES
3 = 2 OUTER LIGHT PIPES
PACKAGING
1 = TRAY
CAGE PLATING
2 = NICKEL
NICKEL 2.54 μm MIN.
LIGHT PIPE:
CLEAR POLYCABONATE, FLAMMABILITY
RATING UL94-0.
PACKAGING:
TRAY PACKAGING.
TEMPERATURE RANGE:
-40°C TO +85°C
NOTES:
MATERIAL:
CAGE - PRESS FIT:
COPPER ALLOY
PLATING:
SEE AMPHENOL PART NUMBER
CONFIGURATION FOR OPTIONS.
CONNECTOR - PRESS FIT:
PLASTIC HOUSING:
LCP, FLAMMABILITY RATING UL94-0.
CONTACTS:
PHOSPHOR BRONZE PLATING OPTION:
REVISIONS
REV
DESCRIPTION
DATE
APPRD
A
PROPOSAL DRAWING
MAY27/09


Số phần tương tự - P-U86-D1427-10421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
More results

Mô tả tương tự - P-U86-D1427-10421

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-U86-D1627-X0XX1 AMPHENOL-P-U86-D1627-X0XX1 Datasheet
185Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
P-U77-CX61M-X081 AMPHENOL-P-U77-CX61M-X081 Datasheet
734Kb / 11P
   1XN SFP CAGE SPRINGFINGER EMI, WITH LIGHT PIPE
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
logo
Molex Electronics Ltd.
1700718011 MOLEX11-1700718011 Datasheet
480Kb / 4P
   ZSFP STACKED ASSY WITH LIGHT PIPES AND ELASTOMERIC GASKET
0747500071 MOLEX11-0747500071 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500075 MOLEX11-0747500075 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500077 MOLEX11-0747500077 Datasheet
36Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Dual Light Pipe
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com