công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1W-CLK12-V1 bảng dữ liệu(PDF) 6 Page - Omron Electronics LLC

tên linh kiện CS1W-CLK12-V1
Giải thích chi tiết về linh kiện  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK12-V1 bảng dữ liệu(HTML) 6 Page - Omron Electronics LLC

Back Button CS1W-CLK12-V1 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK12-V1 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
CS1W-CLK
Optical Connector Assembly Tool
Note: There is a risk of quality problems when using cables assembled by typical users, so we recommend purchasing cables with preattached
connectors or having a qualified technician assemble the cables.
GI Optical Cables
A qualified technician must select, assemble, and install GI Optical Fiber Cable, so always let an optical cable specialist handle the GI cable.
Usable Optical Cables and Optical Connectors
• Optical fiber types: Graded, indexed, multi-mode, all quartz glass, fiber (GI-type AGF cable)
• Optical fiber construction (core diameter/clad diameter): 62.5/125 μm or 50/125 μm
• Optical fiber optical characteristics of optical fiber: Refer to the tables.
• Optical connector: ST connector (IEC-874-10)
• 50/125-μm AGF Cable
Lf is fiber length in km, Ta is ambient temperature, and
λ is the peak wavelength of the test light source.
• 62.5/125-μm AGF Cable
Lf is fiber length in km, Ta is ambient temperature, and
λ is the peak wavelength of the test light source.
International Standards
• The standards indicated in the Standards column are those current for UL, CSA, cULus, cUL, NK, and Lloyd standards and EC Directives as
of the end of July 2007. The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA,
UC: cULus, UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Ask your OMRON representative for the conditions under which the standards were met.
Mountable Racks
Note: 1. Optical Ring Controller Link Units support 11 Units maximum for duplex (6 Units comprising 3 sets of Duplex Units + 5 Non-duplex Units).
2. Optical Ring Controller Link Units support 7 Units maximum for duplex (6 Units comprising 3 sets of Duplex Units + 1 Non-duplex Unit).
Name
Applicable Unit
Model
Manufacturer
Standards
Optical
Fiber
Assembly
Tool
(See note.)
This tool is used on site for mounting crimp-cut connectors and hard
plastic-clad silica optical fiber for optical transmission systems of
SYSMAC C-series SYSBUS, SYSMAC LINK, and Controller Link.
CAK-0057
Sumitomo Electric
Industries, Ltd.
Item
Minimum
Standard
Maximum
Conditions
Numerical
aperture (N.A)
0.21
−−
Transmission
loss (dB)
−−
3.0Lf
0.5 km
≤ Lf
λ = 0.8 μm
Ta = 25
°C
3.0Lf+0.2
0.2 km
≤ Lf
≤ 0.5 km
3.0Lf+0.4
Lf
≤ 0.2 km
Connection
loss (dB)
−−
1.0
λ = 0.8 μm, one location
Transmission
bandwidth
(MHz-km)
500
−−
λ = 0.85 μm (LD)
Item
Minimum
Standard
Maximum
Conditions
Numerical
aperture (N.A)
0.28
−−
Transmission
loss (dB)
−−
3.5Lf
0.5 km
≤ Lf
λ = 0.8 μm
Ta = 25
°C
3.5Lf+0.2
0.2 km
≤ Lf
≤ 0.5 km
3.5Lf+0.4
Lf
≤ 0.2 km
Connection
loss (dB)
−−
1.0
λ = 0.8 μm, one location
Transmission
bandwidth
(MHz-km)
200
−−
λ = 0.85 μm (LD)
Model
CS1 System
CS1D System
CPU Rack
Expansion
Backplane (including
Long-distance
Expansion Rack)
SYSBUS
Remote
I/O
Slave
Rack
C200HX/HG/
HE Expansion
I/O Rack
CPU Rack
Expansion
Backplane
CS1W-BC
CS1W-BI
CS1D-BC
CS1D-BI
@@3
@@2
@@3
@@2
052
042D
082S
092
082D
CS1W-CLK23
CS1W-CLK13
CS1W-CLK53
Unit version 2.0
8 Units (per CPU Unit)
Not
supported
Not supported
8 Units (per CPU Unit)
CS1W-CLK21-V1
CS1W-CLK12-V1
CS1W-CLK52-V1
Unit version 1.2
8 Units (See note 1.) (per CPU Unit)
CS1W-CLK21-V1
CS1W-CLK12-V1
CS1W-CLK52-V1
Pre-Ver. 1.2
4 Units (per CPU Unit)
4 Units (See note 2.) (per CPU Unit)


Số phần tương tự - CS1W-CLK12-V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Mô tả tương tự - CS1W-CLK12-V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com