công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1W-CLK13 bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC

tên linh kiện CS1W-CLK13
Giải thích chi tiết về linh kiện  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK13 bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC

  CS1W-CLK13 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK13 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
CS1W-CLK
Controller Link Support Boards, New Models
Controller Link Support Boards, Old Models
New models are fully compatible with old models and provide enhanced functionality, such as an increase in the number of send words from 1,000
to 4,000 words. Both types can be used simultaneously on the same network. Select a new model when ordering.
Note: The CD-ROM contains the following software.
• Controller Link (PCI) Driver
• FinsGataway Version 2003 (PCI-CLK Edition)
• FinsGataway Version 3 (PCI-CLK Edition)
• Setup Diagnostic Utility
• C Library
Repeater Units
Using Repeater Units enables T-branches and long-distance wiring for Wired Controller Link networks, 62-node configurations, and converting
part of the network to optical cable.
Note: 1. When using wire-to-optical (H-PCF) cable, use a H-PCF cable (for both Controller Link and SYSMAC LINK) or a H-PCF optical fiber cable
with connector.
2. When using wire-to-optical (GI) cable, use a GI optical cable (for Controller Link).
Relay Terminal Block
Controller Link Units can be replaced without stopping the communications of the entire network if a Relay Terminal Block is installed in advance
on the Unit in a Wired Controller Link network. Relay Terminal Blocks cannot be used on Controller Link Support Boards.
Duplex Optical Fiber Cable (H-PCF Cable)
This cable is used to connect Units in active mode (ACT) and standby mode (STB) in a CS1D Duplex System.
Product name
Specifications
Accessories
Model
Standards
Communications
cable
Communications type
Controller Link
Support Board
for PCI Bus
Wired shielded
twisted-pair cable
Data links and message
service
• CD-ROM × 1 (See note.)
• INSTALLATION GUIDE (W467) × 1
• Communications connector × 1
3G8F7-CLK23-E
CE
H-PCF optical model
• CD-ROM × 1 (See note.)
• INSTALLATION GUIDE (W467) × 1
• Optical Fiber Cable Bracket × 1
• Power supply connector × 1
3G8F7-CLK13-E
GI optical model
3G8F7-CLK53-E
Product name
Specifications
Accessories
Model
Note: New models are
listed above.
Standards
Communications
cable
Communications type
Controller Link
Support Board
for PCI Bus
Wired shielded
twisted-pair cable
Data links and message
service
• CD-ROM × 1 (See note.)
• INSTALLATION GUIDE (W422) × 1
• Communications connector × 1
3G8F7-CLK21-EV1
CE
H-PCF optical model
• CD-ROM × 1 (See note.)
• INSTALLATION GUIDE (W422) × 1
• Optical Fiber Cable Bracket × 1
• Power supply connector × 1
3G8F7-CLK12-EV1
GI optical model
3G8F7-CLK52-EV1
Name
Specifications
Model
Standards
Controller Link
Repeater Unit
Wire-to-Wire Model
CS1W-RPT01
UC1, CE
Wire-to-Optical (H-PCF) Model (See note 1.)
CS1W-RPT02
Wire-to-Optical (GI) Model (See note 2.)
CS1W-RPT03
Name
Specifications
Model
Standards
Relay Terminal Blocks for
Wired Controller Link Units
Used for Wired Controller Link Units (set of 5)
CJ1W-TB101
Name
Application
Specifications
Model
Standards
Duplex Optical Fiber Cable
CS1W-CLK13 or
CS1W-CLK12-V1 in a CS1D system
H-PCF cable for connecting Duplex Controller Link Units
Cable length: 50 cm
CS1D-CN051
CS1W-RPT01
PWR
T/R1
T/R2
SL1
TER SW
TER SW
ON
SL2
DC24V
INPUT
1 BAUD
2 RATE
SW1


Số phần tương tự - CS1W-CLK13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Mô tả tương tự - CS1W-CLK13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com