công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7443556190 bảng dữ liệu(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7443556190
Giải thích chi tiết về linh kiện  POWER-CHOKE WE-HCB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443556190 bảng dữ liệu(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443556190 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443556190 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443556190 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443556190 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
19,3 ± 0,15
mm
B
32,0 ± 0,1
mm
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
14,2 ± 0,1
mm
I
18,65 ± 0,15
mm
J
10,50 ± 0,15
mm
T
0,40 ± 0,05
mm
W
32,0 ± 0,3
mm
a
330,0 ± 2,0
mm
b
32,5 ± 0,8
mm
c
37,5 ± 0,5
mm
d
100,0 ± 1,5
mm
Rst
Rst
08-02-18
Name
Datum / date
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Version 2
.................................................................................
...............................................................
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Gurtspezifikation / Tape specification:
C
2,00
mm
typ
SPEICHERDROSSEL WE-HCB
POWER-CHOKE WE-HCB
DATUM / DATE : 2008-05-28
Artikelnummer / part number :
7443556190
Kunde / customer :
Spezifikation für Freigabe / specification for release
Rollenspezifikation / Reel specification:
min
D
1,50
mm
a
d
W
E
F
G
A
B
C
Ø D
H
I
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
c
b
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 4 VON 4


Số phần tương tự - 7443556190

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443556190 WURTH-7443556190 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443556190 WURTH-7443556190_12 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

Mô tả tương tự - 7443556190

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443556560 WURTH-7443556560 Datasheet
155Kb / 4P
   POWER-CHOKE WE-HCB
7443556450 WURTH-7443556450 Datasheet
155Kb / 4P
   POWER-CHOKE WE-HCB
7443556082 WURTH-7443556082 Datasheet
155Kb / 4P
   POWER-CHOKE WE-HCB
7443556260 WURTH-7443556260 Datasheet
155Kb / 4P
   POWER-CHOKE WE-HCB
7443556350 WURTH-7443556350 Datasheet
155Kb / 4P
   POWER-CHOKE WE-HCB
7443556130 WURTH-7443556130 Datasheet
156Kb / 4P
   POWER-CHOKE WE-HCB
74435561100 WURTH-74435561100 Datasheet
152Kb / 4P
   POWER-CHOKE WE-HCB
7443556680 WURTH-7443556680 Datasheet
155Kb / 4P
   POWER-CHOKE WE-HCB
74435573300 WURTH-74435573300 Datasheet
128Kb / 4P
   POWER-CHOKE WE-HCB (Ferrite)
74435572200 WURTH-74435572200 Datasheet
128Kb / 4P
   POWER-CHOKE WE-HCB (Ferrite)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com