công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL1963A-15DCYR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL1963A-15DCYR
Giải thích chi tiết về linh kiện  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15DCYR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TL1963A-15DCYR Datasheet HTML 1Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 2Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 3Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 4Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 5Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 6Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 7Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 8Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TL1963A-xx
www.ti.com........................................................................................................................................................ SLVS719E – JUNE 2008 – REVISED AUGUST 2009
ELECTRICAL CHARACTERISTICS
(1)
(continued)
Over operating temperature range TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP (2)
MAX
UNIT
25°C
0.02
0.06
ILOAD = 1 mA
Full range
0.1
25°C
0.1
0.17
ILOAD = 100 mA
Full range
0.22
Dropout voltage(4) (6) (7)
VDROPOUT
V
VIN = VOUT(NOMINAL)
25°C
0.19
0.27
ILOAD = 500 mA
Full range
0.35
25°C
0.34
0.45
ILOAD = 1.5 A
Full range
0.55
ILOAD = 0 mA
Full range
1
1.5
ILOAD = 1 mA
Full range
1.1
1.6
GND pin current(7) (8)
IGND
ILOAD = 100 mA
Full range
3.8
5.5
mA
VIN = VOUT(NOMINAL) + 1
ILOAD = 500 mA
Full range
15
25
ILOAD = 1.5 A
Full range
80
120
COUT = 10 μF, ILOAD = 1.5 A,
eN
Output voltage noise
25°C
40
μVRMS
BW = 10 Hz to 100 kHz
IADJ
ADJ pin bias current(3) (9)
25°C
3
10
μA
VOUT = OFF to ON
Full range
0.9
2
Shutdown threshold
V
VOUT = ON to OFF
Full range
0.25
0.75
V SHDN = 0 V
25°C
0.01
1
I SHDN
SHDN pin current
μA
V SHDN = 20 V
25°C
3
30
Quiescent current in
VIN = 6 V, V SHDN = 0 V
25°C
0.01
1
μA
shutdown
VIN – VOUT = 1.5 V (avg), VRIPPLE = 0.5 VP-P,
Ripple rejection
25°C
55
63
dB
fRIPPLE = 120 Hz, ILOAD = 0.75 A
VIN = 7 V, VOUT = 0 V
25°C
2
ILIMIT
Current limit
A
VIN = VOUT(NOMINAL) + 1
Full range
1.6
Input reverse leakage
IIL
VIN = –20 V, VOUT = 0 V
Full range
1
mA
current
TL1963A-1.5
VOUT = 1.5 V, VIN < 1.5 V
25°C
600
1200
TL1963A-1.8
VOUT = 1.8 V, VIN < 1.8 V
25°C
600
1200
IRO
Reverse output current(10)
TL1963A-2.5
VOUT = 2.5 V, VIN < 2.5 V
25°C
600
1200
μA
TL1963A-3.3
VOUT = 3.3 V, VIN < 3.3 V
25°C
600
1200
TL1963A
VOUT = 1.21 V, VIN < 1.21 V
25°C
300
600
(6)
Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In
dropout, the output voltage is equal to: VIN – VDROPOUT.
(7)
To satisfy requirements for minimum input voltage, the TL1963A (adjustable version) is tested and specified for these conditions with an
external resistor divider (two 4.12-k
Ω resistors) for an output voltage of 2.4 V. The external resistor divider adds a 300-mA DC load on
the output.
(8)
GND pin current is tested with VIN = (VOUT(NOMINAL) + 1 V) and a current source load. The GND pin current decreases at higher input
voltages.
(9)
ADJ pin bias current flows into the ADJ pin.
(10) Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output voltage. This current flows into the
OUT pin and out the GND pin.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Số phần tương tự - TL1963A-15DCYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1963A-15DCYR TI-TL1963A-15DCYR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15DCYR TI1-TL1963A-15DCYR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Mô tả tương tự - TL1963A-15DCYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com