công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26C32CDG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
AM26C32CDG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 20 page AM26C32 QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (N) Tube of 25 AM26C32CN AM26C32CN 0 °C to 70°C SOIC (D) Tube of 40 AM26C32CD AM26C32C 0 °C to 70°C SOIC (D) Reel of 2500 AM26C32CDR AM26C32C SOP (NS) Reel of 2000 AM26C32CNSR 26C32 PDIP (N) Tube of 25 AM26C32IN AM26C32IN SOIC (D) Tube of 40 AM26C32ID AM26C32I −40 °C to 85°C SOIC (D) Reel of 2500 AM26C32IDR AM26C32I −40 C to 85 C SOP (NS) Reel of 2000 AM26C32INSR 26C32I TSSOP (PW) Tube of 90 AM26C32IPW 26C32I −40 °C to 125°C SOIC (D) Tube of 40 AM26C32QD AM26C32QD CDIP (J) Tube of 25 AM26C32MJ AM26C32MJ −55 °C to 125°C CFP (W) Tube of 150 AM26C32MW AM26C32MW −55 C to 125 C LCCC (FK) Tube of 55 AM26C32MFK AM26C32MFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each receiver) DIFFERENTIAL ENABLES OUTPUT DIFFERENTIAL INPUT G G OUTPUT Y VID ≥ VIT+ H X H VID ≥ VIT+ X LH VIT− < VID < VIT+ H X ? VIT− < VID < VIT+ X L? VID ≤ VIT− H X L VID ≤ VIT− X LL X L H Z H = high level, L = low level, X = irrelevant Z = high impedance (off), ? = indeterminate |
Số phần tương tự - AM26C32CDG4 |
|
Mô tả tương tự - AM26C32CDG4 |