công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3L301 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
TS3L301 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 17 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) TS3L301 16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE SCDS178C – NOVEMBER 2004 – REVISED APRIL 2006 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VDD Supply voltage range –0.5 4.6 V VIN Control input voltage range(2)(3) –0.5 7 V VI/O Switch I/O voltage range(2)(3)(4) –0.5 7 V IIK Control input clamp current VIN < 0 –50 mA II/OK I/O port clamp current VI/O < 0 –50 mA II/O ON-state switch current(5) ±128 mA Continuous current through VDD or GND ±100 mA DGG package 70 θ JA Package thermal impedance(6) °C/W DGV package 58 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to ground, unless otherwise specified. (3) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (4) VI and VO are used to denote specific conditions for VI/O. (5) II and IO are used to denote specific conditions for II/O. (6) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VDD Supply voltage 3 3.6 V VIH High-level control input voltage (SEL) 2 5.5 V VIL Low-level control input voltage (SEL) 0 0.8 V VI/O Input/output voltage 0 5.5 V TA Operating free-air temperature –40 85 °C (1) All unused control inputs of the device must be held at VDD or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 3 Submit Documentation Feedback |
Số phần tương tự - TS3L301 |
|
Mô tả tương tự - TS3L301 |