công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28207FBZ-13 bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL28207FBZ-13
Giải thích chi tiết về linh kiện  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FBZ-13 bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL28207FBZ-13 Datasheet HTML 2Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 3Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 4Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 5Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 6Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 7Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 8Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 9Page - Intersil Corporation ISL28207FBZ-13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
FN6631.2
April 8, 2010
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
370
ns
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ,
RL =2kΩ to VCM
12.4
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ,
RL =2kΩ to VCM
22
µs
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
7. Output Short Circuit Current is the minimum current (source or sink) when the output is driven into the supply rails with
RL =0Ω to ground.
Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise
specified.
FIGURE 1. INPUT OFFSET VOLTAGE vs
TEMPERATURE, VS = ±15V
FIGURE 2. INPUT OFFSET VOLTAGE vs
TEMPERATURE, VS = ±5V
FIGURE 3. INPUT OFFSET VOLTAGE DISTRIBUTION,
VS = ±15V
FIGURE 4. INPUT OFFSET VOLTAGE DISTRIBUTION,
VS = ±5V
TEMPERATURE (°C)
VS = ±15V
-30
-20
-10
0
10
20
30
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
-30
-20
-10
0
10
20
30
-50
0
50
100
150
VS = ±15V
0
200
400
600
800
1000
1200
1400
-100
-80
-60
-40
-20
0
20
40
60
80
100
VOS (µV)
VS = ±5V
0
200
400
600
800
1000
1200
1400
-100
-80
-60
-40
-20
0
20
40
60
80
100
VOS (µV)
ISL28107, ISL28207


Số phần tương tự - ISL28207FBZ-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28207FBZ-T13 INTERSIL-ISL28207FBZ-T13 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ-T13 INTERSIL-ISL28207FBZ-T13 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ-T7 INTERSIL-ISL28207FBZ-T7 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28207FBZ-T7 INTERSIL-ISL28207FBZ-T7 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FBZ-T7A INTERSIL-ISL28207FBZ-T7A Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Mô tả tương tự - ISL28207FBZ-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com