công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28107FUZ-T13 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL28107FUZ-T13
Giải thích chi tiết về linh kiện  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FUZ-T13 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL28107FUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28107FUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN6631.2
April 8, 2010
Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
VOS
Offset Voltage Magnitude;
SOIC Package
TA = -40°C to +85°C
-75
5
75
µV
TA = -40°C to +125°C
-140
140
µV
Offset Voltage Magnitude;
MSOP Package
TA = -40°C to +85°C
-100
5
100
µV
TA = -40°C to +125°C
-180
180
µV
TCVOS
Offset Voltage Drift; SOIC
Package
-0.65
0.1
0.65
µV/°C
Offset Voltage Drift; MSOP
Package
-0.85
0.1
0.85
µV/°C
IB
Input Bias Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
TCIB
Input Bias Current Drift
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/°C
IOS
Input Offset Current
TA = -40°C to +85°C
-300
15
300
pA
TA = -40°C to +125°C
-600
600
pA
TCIOS
Input Offset Current Drift
TA = -40°C to +85°C
-0.9
0.19
0.9
pA/°C
TA = -40°C to +125°C
-3.5
0.26
3.5
pA/°C
VCM
Common Mode Input Voltage
Range
Guaranteed by CMRR test
-3
3
V
CMRR
Common-Mode Rejection
Ratio
VCM = -3V to +3V
115
145
dB
PSRR
Power Supply Rejection Ratio VS = ±2.25V to ±5V
115
145
dB
AVOL
Open-Loop Gain
VO = -3V to +3V, RL = 10kΩ to ground
3,000
40,000
V/mV
VOH
Output Voltage High
RL = 10kΩ to ground
3.5
3.7
V
3.2
V
RL = 2kΩ to ground
3.3
3.55
V
3.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-3.7
-3.5
V
-3.2
V
RL = 2kΩ to ground
-3.55
-3.3
V
-3.1
V
IS
Supply Current/Amplifier
RL = Open
0.21
0.29
mA
0.35
mA
ISC
Output Short-Circuit Current
(Note 7)
± 40
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
THD + N
Total Harmonic Distortion +
Noise
1kHz, G = 1, Vo = 2.5VRMS, RL = 2kΩ
0.0053
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kΩ
0.32
V/µs
ISL28107, ISL28207


Số phần tương tự - ISL28107FUZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28107FUZ-T13 INTERSIL-ISL28107FUZ-T13 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Mô tả tương tự - ISL28107FUZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com