công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28127FUBZ bảng dữ liệu(PDF) 6 Page - Intersil Corporation |
|
ISL28127FUBZ bảng dữ liệu(HTML) 6 Page - Intersil Corporation |
6 / 23 page ISL28127, ISL28227 6 FN6633.3 March 18, 2010 Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT VOS Offset Voltage -70 10 70 µV -120 - 120 µV VOS/T Offset Voltage Drift -0.5 0.1 0.5 µV/°C IOS Input Offset Current -10 1 10 nA -12 - 12 nA IB Input Bias Current 10 1 10 nA -12 - 12 nA VCM Common Mode Input Voltage Range Guaranteed by CMRR -3 - 3 V -2 - 2 V CMRR Common-Mode Rejection Ratio VCM = -3V to +3V 115 120 - dB VCM = -2V to +2V 115 -- dB PSRR Power Supply Rejection Ratio VS = ±2.25V to ±5V 115 125 - dB VS = ±3V to ±5V 115 -- dB AVOL Open-Loop Gain VO = -3V to +3V RL = 10kΩ to ground 1000 1500 - V/mV VOH Output Voltage High RL = 10kΩ to ground 3.5 3.65 - V 3.2 -- V RL = 2kΩ to ground 3.4 3.5 - 3.1 - - V VOL Output Voltage Low RL = 10kΩ to ground - -3.65 -3.5 V -- -3.2 V RL = 2kΩ to ground - -3.5 -3.4 - - -3.1 V IS Supply Current/Amplifier - 2.2 2.8 mA - - 3.7 mA ISC Short-Circuit - ± 45 - mA AC SPECIFICATIONS GBW Gain Bandwidth Product 10 MHz THD + N Total Harmonic Distortion + Noise 1kHz, G = 1, Vo = 2.5VRMS, RL = 2kΩ 0.0034 % TRANSIENT RESPONSE SR Slew Rate AV = 10, RL = 2kΩOH ±3.6 V/µs tr, tf, Small Signal Rise Time 10% to 90% of VOUT AV = -1, VOUT = 100mVP-P, Rf = Rg = 2kΩ, RL = 2kΩ to VCM 36 ns Fall Time 90% to 10% of VOUT AV = -1, VOUT = 100mVP-P, Rf = Rg = 2kΩ, RL = 2kΩ to VCM 38 ns ts Settling Time to 0.1% AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ, RL = 2kΩ to VCM 1.6 µs Settling Time to 0.01% AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ, RL = 2kΩ to VCM 4.2 µs NOTE: 8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. |
Số phần tương tự - ISL28127FUBZ |
|
Mô tả tương tự - ISL28127FUBZ |