công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21440 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL21440
Giải thích chi tiết về linh kiện  Micropower Voltage Reference with Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL21440 Datasheet HTML 1Page - Intersil Corporation ISL21440 Datasheet HTML 2Page - Intersil Corporation ISL21440 Datasheet HTML 3Page - Intersil Corporation ISL21440 Datasheet HTML 4Page - Intersil Corporation ISL21440 Datasheet HTML 5Page - Intersil Corporation ISL21440 Datasheet HTML 6Page - Intersil Corporation ISL21440 Datasheet HTML 7Page - Intersil Corporation ISL21440 Datasheet HTML 8Page - Intersil Corporation ISL21440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6532.1
March 2, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range, V+ to GND . . . . . . . . . -0.5V to +12V
IN+, IN- with Respect to V- . . . . . . . . -0.3V to (V+) +0.3V
GND with Respect to V-. . . . . . . . . . . . . . . . . 6.0V to -0.3V
V+ with Respect to V-. . . . . . . . . . . . . . . . . . . 12V to -0.3V
REF, HYST with Respect to V-. . . . . . . . . . . . . -0.3V to 1.5V
Out with Respect to GND. . . . . . . . . . . (V+) +0.3V to -0.3V
Voltage on All Other Pins . . . . . . . . . . . .-0.3V to VCC + 0.3V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 350V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . 2000V
Latch Up (Tested Per JESD-78B; Class1, Level A) . . . . 100mA
Environmental Operating Conditions
X-Ray Exposure (Note 4). . . . . . . . . . . . . . . . . . . .10mRem
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld MSOP Package (Notes 5, 7). . . .
154
55
8 Ld TDFN Package (Notes 5, 6) . . . .
68
8
Maximum Junction Temperature (Plastic Package). . . +150°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile (Note 8). . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature. . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . .2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure
levels should be analyzed for Output Voltage drift effects. See “Applications Information” on page 11.
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For θJC, the “case temp” location is taken at the package top center.
8. Post-reflow drift for the ISL21440 device voltage reference output will range from 100mV to 1.0mV based on experimental
results with devices on FR4 double sided boards. The design engineer must take this into account when considering the
reference voltage after assembly.
Analog Specifications V+= +5.0V. V- = GND = 0V unless otherwise specified, TA = +25°C. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 9)
MAX
(Note 10) UNITS
POWER SUPPLY
V+
Supply Voltage Range
V- = GND
2.0
11.0
V
ICC
Supply Current
IN+ = IN- +80mV,
HYST = REF
0.46
0.75
µA
0.85
µA
COMPARATOR
VOS
Input Offset Voltage
VCM = 2.5V
MSOP Package
±3
mV
±3.25
mV
TDFN Package
±3.6
mV
±3.75
mV
IIN
Input Leakage Current (IN+,
IN-, HYST)
VIN+ = VIN- = 2.5V MSOP Package
0.1
1.4
nA
TDFN Package
0.1
1.5
nA
3
nA
VCM
Common-Mode Input Range
V-
(V+) - 1.5
V
CMRR
Common-Mode Rejection Ratio V- to (V+ - 1.5V)
MSOP Package
1.2
3
mV/V
3.5
mV/V
TDFN Package
1.2
4.5
mV/V
5
mV/V
ISL21440


Số phần tương tự - ISL21440

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IRTZ INTERSIL-ISL21440IRTZ Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ RENESAS-ISL21440IRTZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Mô tả tương tự - ISL21440

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com