công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5281IRGCR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
ADS5281IRGCR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 44 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) ADS5281 ADS5282 SBAS397H – DECEMBER 2006 – REVISED MARCH 2008 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. RELATED PRODUCTS MODEL RESOLUTION (BITS) SAMPLE RATE (MSPS) CHANNELS ADS5281 12 50 8 ADS5282 12 65 8 ADS5287 10 65 8 ADS5270 12 40 8 ADS5271 12 50 8 ADS5272 12 65 8 ADS5273 12 70 8 ADS5242 12 65 4 ORDERING INFORMATION(1)(2) SPECIFIED PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE-LEAD DESIGNATOR RANGE MARKING NUMBER MEDIA, QUANTITY(3) ADS5281IPFP Tray HTQFP-80 PFP ADS5281I (PowerPAD) ADS5281PFPR Tape and Reel ADS5281 –40 °C to +85°C ADS5281IRGCT Tape and Reel QFN-64 RGC AZ5281 ADS5281IRGCR Tape and Reel ADS5282IRGCT Tape and Reel ADS5282 QFN-64 RGC –40 °C to +85°C AZ5282 ADS5282IRGCR Tape and Reel (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) These devices meet the following planned eco-friendly classification: Green (RoHS and No Sb/Br): Texas Instruments defines Green to mean Pb-free (RoHS compatible) and free of bromine (Br)- and antimony (Sb)-based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more information. These devices have a Cu NiPdAu lead/ball finish. (3) Refer to the Package Option Addendum at the end of this document for specific transport media and quantity information. Over operating free-air temperature range, unless otherwise noted. ADS528x UNIT Supply voltage range, AVDD –0.3 to +3.9 V Supply voltage range, LVDD –0.3 to +2.2 V Voltage between AVSS and LVSS –0.3 to +0.3 V External voltage applied to REFT pin –0.3 to +3 V External voltage applied to REFB pin –0.3 to +2 V Voltage applied to analog input pins –0.3 to minimum [3.6, (AVDD + 0.3)] V Voltage applied to digital input pins –0.3 to minimum [3.9, (AVDD + 0.3)] V Peak solder temperature +260 °C Junction temperature +125 °C Storage temperature range –65 to +150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. 2 Submit Documentation Feedback Copyright © 2006–2008, Texas Instruments Incorporated Product Folder Link(s): ADS5281 ADS5282 |
Số phần tương tự - ADS5281IRGCR |
|
Mô tả tương tự - ADS5281IRGCR |