công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3DV20812RHHR bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
TS3DV20812RHHR bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 20 page TS3DV20812 www.ti.com SCDS302 – JUNE 2010 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VDD Supply voltage range –0.5 4.6 V VIN Control input voltage range(2)(3) SEL –0.5 7 V I/O –0.5 7 V VIO Switch I/O voltage range (all three I/O ports)(4) D0-D3, Aux, HPD, CAD/CEC –0.5 VCC + 0.5 V A port and B port –0.5 VCC + 0.5 V IIK Control input clamp current VIN < 0 –50 mA II/OK I/O port clamp current VO < 0 –50 mA IIO Continuous output current(5) ON-state switch ±128 mA Continuous current through VDD or GND ±100 mA ΘJA Package thermal impedance(6) RHH package 31.8 °C/W Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to ground, unless otherwise specified. (3) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (4) VI and VO are used to denote specific conditions for VIO. (5) II and IO are used to denote specific conditions for IIO. (6) The package thermal impedance is calculated in accordance with JESD 51-7. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VDD Supply voltage 2.25 3. 6 V VIH High-level control input voltage SEL 2 5.5 V VIL Low-level control input voltage SEL 0 0.8 V VI/O Input/output voltage All ports 0 5.5 V VANALOG Analog signal range Differential signal range 0 VDD V VI Input tolerant SEL 0 5.5 V TA Operating free-air temperature –40 85 °C Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TS3DV20812 |
Số phần tương tự - TS3DV20812RHHR |
|
Mô tả tương tự - TS3DV20812RHHR |