công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS22 bảng dữ liệu(PDF) 1 Page - Zowie Technology Corporation

tên linh kiện SS22
Giải thích chi tiết về linh kiện  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZOWIE [Zowie Technology Corporation]
Trang chủ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SS22 bảng dữ liệu(HTML) 1 Page - Zowie Technology Corporation

  SS22 Datasheet HTML 1Page - Zowie Technology Corporation SS22 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS22 THRU SS26
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts
Forward Current - 2.0 Amperes
FEATURES
Case : JEDEC DO-214AA molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750D
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.003 ounes , 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A (NOTE 1)
Maximum DC reverse current
at rated DC blocking voltage (NOTE 1)
TA=25
o
C
Typical thermal resistance (NOTE 2)
Storage temperature range
SYMBOLS
VRRM
I(AV)
IFSM
VF
IR
TSTG
SS22
SS23
SS24
SS25
SS26
20
30
40
50
60
2.0
50
0.50
0.70
0.5
20
10
75
17
-65 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
14
21
28
35
42
Volts
Maximum DC blocking voltage
VDC
20
30
40
50
60
Volts
Volts
Amps
Amps
mA
o
C / W
o
C
Operating junction temperature range
TJ
-65 to +125
-65 to +150
o
C
NOTES : (1) Pulse test : 300us pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2" ( 5.0 x 5.0mm ) copper pad areas
Zowie Technology Corporation
REV. : 0
SMB / DO-214AA
*Dimensions in inches and (millimeters)
R JA
R JL
TA=100
o
C
0.150(3.80)
0.130(3.30)
0.102(2.60)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.016(0.40)
0.006(0.15)
0.187(4.75)
0.167(4.24)
0.083(2.12)
0.077(1.95)
0.236(6.00)
0.197(5.00)
MECHANICAL DATA
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* For surface mount applications
* Low profile package
* Built-in strain relief
* Metal sillicon junction, majority carrier conduction
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* High surge capability
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
* Guardring for overvoltage protection
* High temperature soldering guaranteed :
260
o
C/10 seconds, at terminals


Số phần tương tự - SS22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SS22 MCC-SS22 Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
   2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS22 JUXING-SS22 Datasheet
2Mb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS22 CHENDA-SS22 Datasheet
500Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
SS22 TAITRON-SS22 Datasheet
187Kb / 5P
   2.0A Surface Mount Schottky Rectifier
More results

Mô tả tương tự - SS22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com