công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12B128CPVM bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MC9S12B128CPVM
Giải thích chi tiết về linh kiện  Covers also preliminary MC9S12B64 using MC9S12B128 die
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12B128CPVM bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MC9S12B128CPVM Datasheet HTML 4Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 5Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 6Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 7Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 8Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 9Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 10Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 11Page - Motorola, Inc MC9S12B128CPVM Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
Device User Guide — 9S12B128DGV1/D V01.13
8
6.2.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
6.3
HCS12 Multiplexed External Bus Interface (MEBI) Block Description . . . . . . . . . . . . . .72
6.3.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
6.4
HCS12 Interrupt (INT) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .72
6.5
HCS12 Background Debug (BDM) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . .73
6.5.1
Device-specific information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
6.6
HCS12 Breakpoint (BKP) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Section 7 Voltage Regulator (VREG3V3) Block Description
Section 8 Clock and Reset Generator (CRG) Block Description
8.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Section 9 Oscillator (OSC) Block Description
9.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Section 10 Standard Timer (TIM) Block Description
Section 11 Analog to Digital Converter (ATD) Block Description
Section 12 Inter-IC Bus (IIC) Block Description
Section 13 Serial Communications Interface (SCI) Block Description
Section 14 Serial Peripheral Interface (SPI) Block Description
Section 15 Flash EEPROM 128K1 Block Description
Section 16 EEPROM 1K Block Description
Section 17 RAM Block Description
Section 18 MSCAN Block Description
Section 19 Pulse Width Modulator (PWM) Block Description
Section 20 Port Integration Module (PIM) Block Description


Số phần tương tự - MC9S12B128CPVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC9S12B128CPV16 MOTOROLA-MC9S12B128CPV16 Datasheet
1Mb / 128P
   microcontroller unit (MCU)
MC9S12B128CPV25 MOTOROLA-MC9S12B128CPV25 Datasheet
1Mb / 128P
   microcontroller unit (MCU)
More results

Mô tả tương tự - MC9S12B128CPVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
MA08509D MACOM-MA08509D Datasheet
69Kb / 3P
   10W Power Amplifier Die Preliminary Release 8.0-11 GHz
MA01503D MACOM-MA01503D Datasheet
56Kb / 5P
   Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
MA01502D MACOM-MA01502D Datasheet
54Kb / 5P
   Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz
408-8649 MACOM-408-8649 Datasheet
283Kb / 7P
   This instruction sheet covers Die Packages used in PCB Singulation systems.
logo
OSRAM GmbH
SFH4640EN OSRAM-SFH4640EN Datasheet
481Kb / 13P
   Also available as Sidelooker
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
PHOENIX CONTACT
2865078 PHOENIX-2865078 Datasheet
82Kb / 5P
   Programming during operation and also voltage-free using IFS-USB-PROG-ADAPTER programming adapter
logo
Tontek Design Technolog...
TTP259 TONTEK-TTP259 Datasheet
587Kb / 81P
   Preliminary
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
   Protective Covers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com