công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ51 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components |
|
SMBJ51 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components |
1 / 9 page Features For surface mount applicationsin or der to optimize board space Fast response time: typical less than 1.0ps from 0 volts to VBR minimum Low inductance Mechanical Data CASE: Molded Palstic. UL94V-0 UL Flammability Rating. Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes posit ive end (cathode) except Bidirectional Maximum soldering temperature: 260 oC for 10 seconds Maximum Ratings @ 25 oC Unless Otherwise Specified Peak Pulse Current on 10/1000us waveform IPP See Table 1 Note: 2 Peak Pulse Power Dissipation PPP 600W Note: 2, 3 Peak Forward Surge Current IFSM) 100A Note: 3 Operation And Storage Temperature Range TJ, TSTG -55 oC to +150 oC Thermal Resistance R 25 oC/W NOTES: 2. Non-repetitive current pulse, per Fig.3 and derated above TA=25 oC per Fig.2. 3. Mounted on 5.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine wave duty cycle=4 pulses per. Minute maximum. SMBJ5.0 THRU SMBJ440CA Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt 5. Peak pulse current waveform is 10/1000us, with maximum duty Cycle of 0.01%. 4,5 DO-214AA (SMB) (LEAD FRAME) 0.050” 0.106" 0.082” SUGGESTED SOLDER PAD LAYOUT DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .083 .096 2.13 2.44 B .075 .083 1.91 2.11 C .002 .008 0.051 0.203 D .006- .012 0.152 0.305 E .030 .050 0.76 1.27 F .200 .220 5.08 5.59 G .160 .185 4.06 4.70 H .130 .155 3.30 3.94 G H E D F A B C omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC UL Recognized File # E331408 TM Micro Commercial Components www.mccsemi.com 1 of 9 Revision: 8 200 9/07/12 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. |
Số phần tương tự - SMBJ51 |
|
Mô tả tương tự - SMBJ51 |