công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8201IBRGET bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện ADS8201IBRGET
Giải thích chi tiết về linh kiện  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IBRGET bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments ADS8201IBRGET Datasheet HTML 10Page - Texas Instruments ADS8201IBRGET Datasheet HTML 11Page - Texas Instruments ADS8201IBRGET Datasheet HTML 12Page - Texas Instruments ADS8201IBRGET Datasheet HTML 13Page - Texas Instruments ADS8201IBRGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
THEORY OF OPERATION
The ADS8201 is a low-power data acquisition system that includes a 12-bit successive approximation register
(SAR) analog-to-digital converter (ADC), eight-channel mux, and a first-in first-out (FIFO) buffer. The SAR
architecture is based on charge redistribution, which inherently includes a sample/hold (S/H) function.
The ADS8201 uses an internal clock to run the conversions.
The ADS8201 has eight analog inputs. The analog inputs are either single-ended or differential, depending on
the channel configuration. When a conversion is initiated, the input on these pins is sampled on the internal
capacitor array. While a conversion is in progress, the inputs are disconnected from any internal function. The
device can be programmed for manual channel selection or programmed into an auto-channel select mode that
sweeps through all +INI channels automatically.
A programmable gain amplifier (PGA) allows for a gain selection of 1, 2, 4, or 8. Individual channels can be
programmed to different gains. This feature allows the ADS8201 to be used in a wide range of applications. The
channel gain mapping feature is very useful in applications where different sensors around different
common-mode voltages must be digitized. Appropriate gain settings can also be chosen to take advantage of the
full range of the converter.
ANALOG INPUT
When the converter enters the hold mode, the voltage on the analog input channel of interest is captured on the
internal capacitor array. The input span is limited to the range of 0.1V to (VA – 0.1V). The PGA front-end
provides a high input impedance that removes the loading effect issues typically associated with high source
impedances.
Care must be taken regarding the absolute analog input voltage. To maintain converter linearity, the +IN and –IN
inputs and the span of [+IN – (–IN)] should be within the limits specified. Exceeding these ranges may cause the
converter linearity to not meet its stated specifications. To minimize noise, use low bandwidth input signals with
low-pass filters.
Care should also be taken to ensure that the output impedance of the sources driving the +IN and –IN inputs are
matched. If this matching is not observed, the two inputs could have different settling times. These different times
may result in offset error, gain error, and linearity error, which all change with temperature and input voltage.
PROGRAMMABLE GAIN AMPLIFIER (PGA)
The ADS8201 features an integrated PGA with gain options of 1, 2, 4, and 8. Each individual channel can be
configured for different gain settings depending on the application. An appropriate gain should be chosen for
each application to take advantage of the full range of the converter.
At power-up, the system settling time is approximately 40ms. This period includes the PGA turn-on time and
settling time to a 12-bit level. Once the device has been configured, the PGA settling time during channel
switching is optimized to provide a throughput of 100k samples-per-second (SPS) in auto-trigger and
auto-channel update modes.
The ADS8201 also provides a PGAOUT pin that can be used for further signal conditioning before inputting to
the ADC. If no additional conditioning is required, the PGAOUT pin should be tied to the ADCIN pin.
BIPOLAR/UNIPOLAR OPERATION
The PGAREF pin allows the ADS8201 to be operated in true differential and bipolar modes. This type of
operation is achieved by setting the PGAREF pin. If this pin is set to GND, the device operates in unipolar mode.
If the PGAREF pin is set to VREF/2, the ADS8201 operates in a bipolar mode. Both +IN and –IN inputs can swing
differentially ±VREF/2. All common-mode signals from 0V to VREF can be eliminated when the ADS8201 is
configured in differential mode. See the Application Information section for an example of a typical circuit
diagram.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201


Số phần tương tự - ADS8201IBRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201IBRGET TI-ADS8201IBRGET Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGET TI1-ADS8201IBRGET Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Mô tả tương tự - ADS8201IBRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI1-ADS8201_14 Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com