công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8201IRGER bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8201IRGER
Giải thích chi tiết về linh kiện  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8201IRGER bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS8201IRGER Datasheet HTML 1Page - Texas Instruments ADS8201IRGER Datasheet HTML 2Page - Texas Instruments ADS8201IRGER Datasheet HTML 3Page - Texas Instruments ADS8201IRGER Datasheet HTML 4Page - Texas Instruments ADS8201IRGER Datasheet HTML 5Page - Texas Instruments ADS8201IRGER Datasheet HTML 6Page - Texas Instruments ADS8201IRGER Datasheet HTML 7Page - Texas Instruments ADS8201IRGER Datasheet HTML 8Page - Texas Instruments ADS8201IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ADCDataReadyN
ADCConversionN
2t
(SamplingN)
OSC
t
(CONVST)
WL
PGA
Settling
ConversionN
ConversionDelay
PGA
Settling
SamplingN+1
N
N+1
CONVST
BUSY
INT
ADCState
t (CONVST - sync)
D
t
CD
t
(MinimumN+1)
TP
t
CONV
t (
)=40t
-
CONVST
CONVST
,Minimum
D
OSC
t
ACQ
ADDataN+1Ready
ADDataNReady
1t
OSC
PGA
Settling
ConversionN
ConversionDelay
Idle
PGA
Settling
ConversionN+1
ConversionDelay
N
N+1
RecommendedAD
ReadWindow
ADReadMayCause
ConversionNoise
RecommendedAD
ReadWindow
UpdatingFIFO/ODRN
CONVST
INT
ADCState
SPIPort
22t
OSC
18t
+Idle
OSC
t (CS
SDO
-
)
D
t (SCLK - SDOVALID)
D
t
(Last SCLK
CS
-
)
SU
t (SDI -
)
SCLK
H
t
(SDI - SCLK)
SU
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
D15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
CS
SDI
SCLK
SDO
t (SCLK - SDOINVALID)
D
t (CS - SDOVALID)
D
t
(CS
SCLK1
-
)
SU
t
SH
t
SL
t
SP
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
TIMING CHARACTERISTICS
All specifications typical at –40°C to +85°C, 2.2V < VA = VREF < 5.5V, and 2.2V < VD < 5.5V, unless otherwise
noted.
Figure 1. Convert Timing
Figure 2. Read Timing
Figure 3. SPI Convert Timing
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8201


Số phần tương tự - ADS8201IRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201IRGER TI-ADS8201IRGER Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IRGER TI1-ADS8201IRGER Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Mô tả tương tự - ADS8201IRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI1-ADS8201_14 Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com