công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8201 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8201
Giải thích chi tiết về linh kiện  2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8201 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8201 Datasheet HTML 1Page - Texas Instruments ADS8201 Datasheet HTML 2Page - Texas Instruments ADS8201 Datasheet HTML 3Page - Texas Instruments ADS8201 Datasheet HTML 4Page - Texas Instruments ADS8201 Datasheet HTML 5Page - Texas Instruments ADS8201 Datasheet HTML 6Page - Texas Instruments ADS8201 Datasheet HTML 7Page - Texas Instruments ADS8201 Datasheet HTML 8Page - Texas Instruments ADS8201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADS8201
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel
Data Acquisition System with PGA and SPI™ Interface
Check for Samples: ADS8201
1
FEATURES
Multi-Chip Ready and Fully Enabled:
234
Low-Power, Flexible Supply Range:
Global CONVST (Independent of CS)
2.2V to 5.5V Analog Supply
Power-Down Mode
1.32mW (100kHz, +VA = 2.2V, +VD = 2.2V)
24-Pin 4×4 QFN Package
4.5mW (100kHz, +VA = 5V, +VD = 5V)
APPLICATIONS
Up to 100kSPS Throughput Rate
Portable Communications
Excellent DC Performance:
Transducer Interfaces
±0.5 LSB typ, ±1.5 LSB max INL
Portable Medical Instruments
±0.5 LSB typ, ±1.0 LSB max DNL
Data Acquisition Systems
±6 LSB Offset Error at +VA =5V
GPS Chipsets
±0.1%FS Gain Error at +VA = 5V
...
Flexible Analog Inputs:
DESCRIPTION
True Differential Input
Differential/Unipolar Input Range (0 to VREF)
The ADS8201 is a low-power, complete on-chip data
acquisition system optimized for portable applications
TAG Bit Output
that require direct connections, wide dynamic range,
Programmable Averaging Function
and
automatic
operation
with
very
low
power
Onboard, Eight Single-Ended/Four
consumption.
The
device
includes
a
12-bit,
Differential Channel Mux:
capacitor-based, successive approximation register
(SAR)
analog-to-digital
converter
(ADC);
a
High Input Impedance
high-performance,
continuous-time
programmable
High-Performance PGA (Gain = 1/2/4/8)
gain amplifier (PGA); and a fully automatic scan,
PGA Breakout
8-to-1 multiplexer (mux) with breakout to allow for
system design flexibility.
Auto/Manual Channel Select with Gain
Auto/Manual Trigger
Many other features are included to further optimize
system operation. Conversion results may be saved
Mixed Type Partial Scan
in an onboard first-in/first-out (FIFO) buffer and read
Built-in Hardware Features:
out at a later time. Each channel has a gain setting
On-chip Conversion Clock (CCLK)
that can be loaded automatically when it is selected.
To simplify the serial port design, the ADS8201 offers
Hardware/Software Reset
a high-speed, wide-voltage serial interface. The
Programmable Status/Polarity for BUSY/INT
ADS8201
is
ideal
for
sensor
applications
(for
Flexible I/O:
example,
bridge
sensors,
pressure
sensors,
accelerometers, gyrosensors, temperature sensors,
SPI-/ DSP™-Compatible Serial Interface
etc.) as used in gaming and navigation.
Separate I/O Supply (2.2V to 5.5V)
The ADS8201 is available in a 24-lead, 4x4 QFN
Onboard 8×1 FIFO Buffer
package, and is specified over the –40°C to +85°C
SCLK up to 25MHz (VD = 5V)
industrial temperature range.
...
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DSP is a trademark of Texas Instruments.
3
SPI is a trademark of Motorola Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201 TI-ADS8201 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI1-ADS8201 Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGER TI-ADS8201IBRGER Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGER TI1-ADS8201IBRGER Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGET TI-ADS8201IBRGET Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Mô tả tương tự - ADS8201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI1-ADS8201_14 Datasheet
808Kb / 36P
[Old version datasheet]   2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com