công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC908QT2VPE bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC908QT2VPE
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT2VPE bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC908QT2VPE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC908QT2VPE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
Revision History
MC68HC908QY/QT Family Data Sheet, Rev. 6
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History (Sheet 1 of 3)
Date
Revision
Level
Description
Page
Number(s)
September,
2002
N/A
Initial release
N/A
December,
2002
0.1
1.2 Features — Added 8-pin dual flat no lead (DFN) packages to features list.
19
Figure 1-2. MCU Pin Assignments — Figure updated to include DFN packages.
21
Figure 2-1. Memory Map — Clarified illegal address and unimplemented
memory.
27
Figure 2-2. Control, Status, and Data Registers — Corrected bit definitions for
Port A Data Register (PTA) and Data Direction Register A (DDRA).
27
Table 13-3. Interrupt Sources — Corrected vector addresses for keyboard
interrupt and ADC conversion complete interrupt.
118
Chapter 13 System Integration Module (SIM) — Removed reference to break
status register as it is duplicated in break module.
113
11.3.1 Internal Oscillator and 11.3.1.1 Internal Oscillator Trimming — Clarified
oscillator trim option ordering information and what to expect with untrimmed
device.
92
Figure 11-5. Oscillator Trim Register (OSCTRIM) — Bit 1 designation corrected.
98
Figure 15-13. Monitor Mode Circuit (Internal Clock, No High Voltage) —
Diagram updated for clarity.
150
Figure 12-1. I/O Port Register Summary — Corrected bit definitions for PTA7,
DDRA7, and DDRA6.
99
Figure 12-2. Port A Data Register (PTA) — Corrected bit definition for PTA7.
100
Figure 12-3. Data Direction Register A (DDRA) — Corrected bit definitions for
DDRA7 and DDRA6.
101
Figure 12-6. Port B Data Register (PTB) — Corrected bit definition for PTB1
103
Chapter 9 Keyboard Interrupt Module (KBI) — Section reworked after deletion
of auto wakeup for clarity.
83
Chapter 4 Auto Wakeup Module (AWU) — New section added for clarity.
49
Figure 10-1. LVI Module Block Diagram — Corrected LVI stop representation.
87
Chapter 16 Electrical Specifications — Extensive changes made to electrical
specifications.
169
17.5 8-Pin Dual Flat No Lead (DFN) Package (Case #1452) — Added case
outline drawing for DFN package.
177
Chapter 17 Ordering Information and Mechanical Specifications — Added
ordering information for DFN package.
185
January,
2003
0.2
4.2 Features — Corrected third bulleted item.
49


Số phần tương tự - MC908QT2VPE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC908QT2VPE FREESCALE-MC908QT2VPE Datasheet
1Mb / 184P
   Microcontrollers
More results

Mô tả tương tự - MC908QT2VPE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com