công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC908QT4ACPE bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC908QT4ACPE
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4ACPE bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC908QT4ACPE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC908QT4ACPE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 200 page
background image
Revision History
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
December,
2005
N/A
Initial release
N/A
August,
2006
1
Added 1.7 Unused Pin Termination.
20
Figure 4-1. Auto Wakeup Interrupt Request Generation Logic — Corrected
clock source.
51
4.3 Functional Description — Clarified operation.
52
4.5.1 Wait Mode — Corrected operation details.
53
4.6.4 Configuration Register 2 — Corrected clock source.
55
4.6.5 Configuration Register 1 — Added SSREC bit description.
55
5.2 Functional Description — Corrected clock source.
58
12.1 Introduction — Replaced note.
103
13.7.2 Stop Mode — Corrected clock source.
121
16.12 Supply Current Characteristics — Updated maximum values for SIDD
at both 5 V and 3 V.
165
A.2.3 Improved Auto Wakeup Module (AWU) — Corrected clock source.
194
April,
2007
2
Chapter 3 Analog-to-Digital Converter (ADC10) Module — Renamed ADCSC
register to ADSCR to be consistent with development tools.
37
Figure 15-18. Monitor Mode Entry Timing — Changed CGMXCLK to
BUSCLKX4
154
16.12 Supply Current Characteristics — Added note 6 below table
165
Chapter 17 Ordering Information and Mechanical Specifications — Updated
chapter to include:
Table 17-1. Consumer and Industrial Device Numbering System
Table 17-2. Automotive Device Numbering System
17.3 Orderable Part Numbering System
17.3.1 Consumer and Industrial Orderable Part Numbering System
17.3.2 Automotive Orderable Part Number System
171
171
172
172
172
March,
2010
3
Clarify internal oscillator trim register information.
27, 30, 31,
34, 95, 101


Số phần tương tự - MC908QT4ACPE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC908QT4A FREESCALE-MC908QT4A Datasheet
1Mb / 200P
   Microcontrollers
MC908QT4A FREESCALE-MC908QT4A Datasheet
2Mb / 200P
   Microcontrollers
More results

Mô tả tương tự - MC908QT4ACPE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com