công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6600GS22DM6F bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
STM6600GS22DM6F bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
6 / 51 page Description STM6600 - STM6601 6/51 Doc ID 15453 Rev 7 Figure 2. Basic functionality (option with enable deassertion after long push) 1. For power-up the battery voltage has to be above VTH+ threshold. Figure 3. Basic functionality (option with RST assertion after long push) 1. For power-up the battery voltage has to be above VTH+ threshold. Figure 4. Logic diagram PB SR POWER-UP(1) INTERRUPT (short push) POWER DOWN (long push) EN INT interrupt interrupt AM00243v1 PB POWER-UP(1) INTERRUPT (short push) POWER DOWN (long push) SR INT interrupt interrupt RST AM00243bv1 AM00236v1 STM6600 STM6601 RST GND CSRD INT PS HOLD VCC PBOUT VCC LO VREF EN (EN) SR PB |
Số phần tương tự - STM6600GS22DM6F |
|
Mô tả tương tự - STM6600GS22DM6F |