công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM660OAU25DM6F bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM660OAU25DM6F
Giải thích chi tiết về linh kiện  Smart push-button on/off controller with Smart ResetTM and power-on lockout
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OAU25DM6F bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM660OAU25DM6F Datasheet HTML 7Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 8Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 9Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 10Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 11Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 12Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 13Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 14Page - STMicroelectronics STM660OAU25DM6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
STM6600 - STM6601
Pin descriptions
Doc ID 15453 Rev 7
11/51
EN or EN - enable output
This output is intended to enable system power (see Figure 1). EN is asserted high after
a valid turn-on event has been detected and confirmed (i.e. push-button has been pressed
and held for tDEBOUNCE or more and VCC > VTH+ voltage level has been detected - see
Figure 13). EN is released low if any of the conditions below occur:
a)
the push-button is released before PSHOLD is driven high (valid for STM6600, see
Figure 9) or tON_BLANK expires before PSHOLD is driven high during startup (valid
for both STM6600 and STM6601, see Figure 10 and 12).
b)
PSHOLD is driven low during normal operation (see Figure 14).
c)
an undervoltage condition is detected for more than tSRD + tINT_Min + tDEBOUNCE
(see Figure 21).
d)
a long push of the buttons is detected (only for the device with option “EN
deasserted by long push” - see Figure 19) or PSHOLD is not driven high during
tON_BLANK after a long push of the buttons (only for the device with option “RST
asserted by long push” - see Figure 18).
Described logic levels are inverted in case of EN output. Output type is push-pull by default.
RST - reset output
This output pulls low for tREC:
a)
during startup. PB has been pressed (falling edge on the PB detected) and held
for at least tDEBOUNCE and VCC > VTH+ (see Figure 7, 8, 9, 10, 11, 12 and 13 for
more details).
b)
after long push detection (valid only for the device with option “RST asserted by
long push”). PB has been pressed (falling edge on the PB detected) and held for
more than tDEBOUNCE + tSRD (additional Smart Reset
delay time can be adjusted
by the external capacitor CSRD) - see Figure 18.
Output type is active low and open drain by default. Open drain output type requires a pull-
up resistor. A 10 k
Ω is sufficient in most applications.
INT - interrupt output
While the system is under normal operation (PSHOLD is driven high, power for application is
asserted), the INT is driven low if:
a)
VCC falls below VTH- threshold (i.e. undervoltage is detected - see Figure 20 and
21).
b)
the falling edge on the PB is detected and the push-button is held for tDEBOUNCE or
more. INT is driven low after tDEBOUNCE and stays low as long as PB is held. The
INT signal is held high during power-up.
The state of the PBOUT output can be used to determine if the interrupt was caused by
either the assertion of the PB input, or was due to the detection of an undervoltage condition
on VCC.
INT output is asserted low for at least tINT_Min.
Output type is active low and open drain by default. Open drain output type requires a pull-
up resistor. A 10 k
Ω is sufficient in most applications.
GND - ground


Số phần tương tự - STM660OAU25DM6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Mô tả tương tự - STM660OAU25DM6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com