công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM660OFA54DM6F bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM660OFA54DM6F
Giải thích chi tiết về linh kiện  Smart push-button on/off controller with Smart ResetTM and power-on lockout
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFA54DM6F bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM660OFA54DM6F Datasheet HTML 5Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 6Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 7Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 8Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 9Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 10Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 11Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 12Page - STMicroelectronics STM660OFA54DM6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
STM6600 - STM6601
Pin descriptions
Doc ID 15453 Rev 7
9/51
2
Pin descriptions
VCC - power supply input
VCC is monitored during startup and normal operation for sufficient voltage level. Decouple
the VCC pin from ground by placing a 0.1 µF capacitor as close to the device as possible.
SR - Smart Resetbutton input
This input is equipped with voltage detector with a factory-trimmed threshold and has ±8 kV
HBM ESD protection.
Both PB and SR buttons have to be pressed and held for tSRD period so the long push is
recognized and the reset is asserted (or the enable output is deasserted depending on the
option) - see Figure 15, 16, and 17.
Active low SR input is usually connected to GND through the momentary push-button (see
Figure 1) and it has an optional 100 k
Ω pull-up resistor. It is also possible to drive this input
using an external device with either open drain (recommended) or push-pull output. Open
drain output can be connected in parallel with push-button or other open drain outputs,
which is not possible with push-pull output.
VREF - external precise 1.5 V voltage reference
This 1.5 V voltage reference is specified with very tight accuracy of 1% (see Table 5). It has
proper output voltage as soon as the reset output is deasserted (i.e. after tREC expires) and
it is disabled when the device enters standby mode. A mandatory capacitor needs to be
connected to VREF output (even if VREF is not used). Capacitor value of 1 µF is
recommended.
PSHOLD input
This input is equipped with a voltage detector with a factory-trimmed threshold. It is used to
confirm correct power-up of the device (if EN or EN is not asserted) or to initiate a shutdown
(if EN or EN is asserted).
Forcing PSHOLD high during power-up confirms the proper start of the application and keeps
enable output asserted. Because most processors have outputs in high-Z state before
initialization, an internal pull-down resistor is connected to PSHOLD input during startup (see
Figure 7, 8, 9, 10, 11, 12, 13, and 18).
Forcing the PSHOLD signal low during normal operation deasserts the enable output (see
Figure 14). Input voltage on this pin is compared to an accurate voltage reference.
CSRD - Smart Reset
delay time input
A capacitor to ground determines the additional time (tSRD) that PB with SR must be
pressed and held before a long push is recognized. The connected CSRD capacitor is
charged with ISRD current. Additional Smart Reset
delay time t
SRD ends when voltage on
the CSRD capacitor reaches the VSRD voltage threshold. It is recommended to use a low
ESR capacitor (e.g. ceramic). If the capacitor is not used, leave the CSRD pin open. If no
capacitor is connected, there is no tSRD and a long push is recognized right after tINT_Min
expires (see Figure 18 and 19).


Số phần tương tự - STM660OFA54DM6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Mô tả tương tự - STM660OFA54DM6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com