công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA19989AET bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện TDA19989AET
Giải thích chi tiết về linh kiện  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989AET bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button TDA19989AET Datasheet HTML 4Page - NXP Semiconductors TDA19989AET Datasheet HTML 5Page - NXP Semiconductors TDA19989AET Datasheet HTML 6Page - NXP Semiconductors TDA19989AET Datasheet HTML 7Page - NXP Semiconductors TDA19989AET Datasheet HTML 8Page - NXP Semiconductors TDA19989AET Datasheet HTML 9Page - NXP Semiconductors TDA19989AET Datasheet HTML 10Page - NXP Semiconductors TDA19989AET Datasheet HTML 11Page - NXP Semiconductors TDA19989AET Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
TDA19989_1
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 February 2010
8 of 47
NXP Semiconductors
TDA19989
HDMI 1.3 transmitter with HDCP and CEC support
7.2 Video input formatter
7.2.1 Description
TDA19989 has three video input ports VPA[0] to VPA[7], VPB[0] to VPB[7] and VPC[0] to
VPC[7].
TDA19989 can accept any of the following video input modes (see Table 6):
RGB, with 8-bit for each component
YCbCr 4 : 4 : 4, with 8-bit for each component
YCbCr 4 : 2 : 2 semi-planar, with up to 12-bit for each component (YCbCr)
YCbCr 4 : 2 : 2 ITU656, with up to 12-bit data depth
TDA19989 can be set to latch data at either rising or falling edge, or both.
7.2.2 Internal assignment
The aim of the video input processor is to internally map the incoming data to the
corresponding mode, which can be handled by the video processing. The internal signal
named VP[23:0] is assigned depending on the input mode as defined below.
Fig 4.
Internal assignment of VP[23:0]
Table 3.
Internal assignment
Internal assignment
Internal port
RGB
YCbCr 4:4:4
YCbCr 4:2:2
semi-planar
YCbCr 4:2:2
ITU656
VP[23]
G[7]
Y[7]
Y[11]
YCbCr[11]
VP[22]
G[6]
Y[6]
Y[10]
YCbCr[10]
VP[21]
G[5]
Y[5]
Y[9]
YCbCr[9]
VP[20]
G[4]
Y[4]
Y[8]
YCbCr[8]
VP[19]
G[3]
Y[3]
Y[7]
YCbCr[7]
VP[18]
G[2]
Y[2]
Y[6]
YCbCr[6]
VP[17]
G[1]
Y[1]
Y[5]
YCbCr[5]
VP[16]
G[0]
Y[0]
Y[4]
YCbCr[4]
VP[15]
B[7]
Cb[7]
Y[3]
YCbCr[3]
VP[14]
B[6]
Cb[6]
Y[2]
YCbCr[2]
VP[13]
B[5]
Cb[5]
Y[1]
YCbCr[1]
VP[12]
B[4]
Cb[4]
Y[0]
YCbCr[0]
VIDEO
INPUT
PROCESSOR
001aah028
VPA[0] to VPA[7]
VPB[0] to VPB[7]
VP[23:0]
VPC[0] to VPC[7]


Số phần tương tự - TDA19989AET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

Mô tả tương tự - TDA19989AET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com